Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21644 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # M21644
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21644 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M21644 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21644 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
21644-DSH-001-B
Mindspeed Technologies
®
7
Mindspeed Proprietary and Confidential
3.0 Pinout Diagram, Pin Descriptions,
and Package Outline Drawing
3.1
M21644 Pinout
Figure 3-1.
M21644 Pinout Diagram (Bottom View of the Package)
1
M21644
4x4 mm 24‐pin QFN
Ground Pad VEE
VEE
2
3
4
VEE
SDIP
SDIN
5
6
VEE
MODE_SEL
18 SDO1P
17
16
15
SDO1N
VEE
SDO0P
14
13
SDO0N
xCS
7
8
9
10
11
12
19
20
21
22
23
24


Similar Part No. - M21644

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2160-3005-AL RAF-M2160-3005-AL Datasheet
83Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2160-3005-B RAF-M2160-3005-B Datasheet
84Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2160-3005-SS RAF-M2160-3005-SS Datasheet
83Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2160-4007-AL RAF-M2160-4007-AL Datasheet
100Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2160-4007-SS RAF-M2160-4007-SS Datasheet
100Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M21644

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com