Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67H302HG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB67H302HG
Description  Dual Bridge Driver IC for DC motor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67H302HG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB67H302HG Datasheet HTML 5Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 6Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 7Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 8Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 9Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 10Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 11Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 12Page - Toshiba Semiconductor TB67H302HG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TB67H302HG
2014-04-23
9
Thermal Shut-Down circuit (TSD)
Latch return TSD = 160°C (typ.) (Note)
(1)When recovery signal is outputted after the temperature falls lower than recovery temperature (90°C (typ.) in
the below figure (Note)).
The operation returns by programming the STBY as H → L → H shown in above figure or turning on
power supply and turning on UVLO function.
(2)When recovery signal is outputted before the temperature falls lower than the recovery temperature (90°C(typ.)
in below figure (Note)).
If STBY is programmed H → L → H shown in the above figure before the temperature falls lower
than the recovery temperature (90°C(typ.) in the above figure (Note)), the operation does not return.
Note: Pre-shipment testing is not performed.
STBY = L: TSD is not enabled.
160°C (typ.)
Output on
Output on
STBY input
Output state
H
L
90°C (typ.)
ALERT1 output
H
L
160°C (typ.)
H
L
90°C (typ.)
H
L
Output off
0.2ms
*: Time of about 1.6 ms or
more is necessary.
Corresponding to 40 dividing frequency of fOSC
0.010 ms (typ.), 0.1 ms (max)
Output state
Output on
Output off
STBY input
ALERT1 output
Junction temperature (Chip temperature)
Junction temperature (Chip temperature)


Similar Part No. - TB67H302HG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
   Full-Bridge DC Motor Driver IC
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
More results

Similar Description - TB67H302HG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB6612FNG TOSHIBA-TB6612FNG Datasheet
587Kb / 11P
   Driver IC for Dual DC motor
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
   Full-Bridge DC Motor Driver IC
TB62300FG TOSHIBA-TB62300FG Datasheet
607Kb / 28P
   Dual Full-Bridge Driver for DC Motor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6643KQ TOSHIBA-TB6643KQ Datasheet
247Kb / 15P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com