Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67S103AFTG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB67S103AFTG
Description  Serial-in controlled Bipolar Stepping Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67S103AFTG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB67S103AFTG Datasheet HTML 1Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 2Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 3Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 4Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 5Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 6Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 7Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 8Page - Toshiba Semiconductor TB67S103AFTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TB67S103AFTG/FNG
2014-01-27
5
Pin explanations
TB67S103AFTG (QFN48)
Pin No.1 – 28
Pin No.
Pin Name
Function
1
NC
Non-connection pin
2
CLK
CLK signal input pin
3
ENABLE
Ach/Bch output stage ON/OFF control pin
4
RESET
Electric angle reset pin
5
GND
Ground pin
6
NC
Non-connection pin
7
RSA (*)
Motor Ach current sense pin
8
RSA (*)
Motor Ach current sense pin
9
NC
Non-connection pin
10
OUTA+ (*)
Motor Ach (+) output pin
11
OUTA+ (*)
Motor Ach (+) output pin
12
NC
Non-connection pin
13
NC
Non-connection pin
14
NC
Non-connection pin
15
GND
Ground pin
16
OUTA- (*)
Motor Ach (-) output pin
17
OUTA- (*)
Motor Ach (-) output pin
18
GND
Ground pin
19
GND
Ground pin
20
OUTB- (*)
Motor Bch (-) output pin
21
OUTB- (*)
Motor Bch (-) output pin
22
GND
Ground pin
23
NC
Non-connection pin
24
NC
Non-connection pin
25
NC
Non-connection pin
26
OUTB+ (*)
Motor Bch (+) output pin
27
OUTB+ (*)
Motor Bch (+) output pin
28
NC
Non-connection pin
(*) Note:
Please connect the pins with the same names, at the nearest point of the device.
Please do not run patterns under NC pins.


Similar Part No. - TB67S103AFTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S101AFG TOSHIBA-TB67S101AFG Datasheet
1Mb / 31P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2013-11-05
TB67S101AFNG TOSHIBA-TB67S101AFNG Datasheet
1Mb / 31P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2013-11-05
TB67S101AFTG TOSHIBA-TB67S101AFTG Datasheet
1Mb / 31P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2013-11-05
TB67S101ANG TOSHIBA-TB67S101ANG Datasheet
945Kb / 25P
   Toshiba BiCD Integrated Circuit Silicon Monolithic
2015-10-20
TB67S102AFG TOSHIBA-TB67S102AFG Datasheet
1Mb / 29P
   CLOCK-in controlled Bipolar Stepping Motor Driver
2013-11-05
More results

Similar Description - TB67S103AFTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S269FTG TOSHIBA-TB67S269FTG Datasheet
1Mb / 29P
   CLOCK-in controlled Bipolar Stepping Motor Driver
TB67S102AFG TOSHIBA-TB67S102AFG Datasheet
1Mb / 29P
   CLOCK-in controlled Bipolar Stepping Motor Driver
2013-11-05
TB67S109AFTG TOSHIBA-TB67S109AFTG Datasheet
570Kb / 32P
   CLOCK-in controlled Bipolar Stepping Motor Driver
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
   CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
TB62213AHQ TOSHIBA-TB62213AHQ Datasheet
466Kb / 22P
   PHASE-in controlled Bipolar Stepping Motor Driver IC
2015-07-10
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
logo
Rohm
BD6380EFV ROHM-BD6380EFV Datasheet
299Kb / 6P
   Bipolar stepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com