Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB67S269FTG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB67S269FTG
Description  CLOCK-in controlled Bipolar Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB67S269FTG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB67S269FTG Datasheet HTML 5Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 6Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 7Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 8Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 9Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 10Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 11Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 12Page - Toshiba Semiconductor TB67S269FTG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TB67S269FTG
9
2014-10-8
Step resolution setting and initial angle
[Full step resolution]
[Half step resolution (Type A)]
MO output shown in the timing chart is when the MO pin is pulled up.
Timing charts may be simplified for explanatory purpose.
H
L
H
L
+100%
-100%
0%
+100%
-100%
0%
MO
Iout(B)
Iout(A)
CLK
H
L
H
L
+100%
-100%
0%
+100%
-100%
0%
MO
Iout(B)
Iout(A)
CLK
CW
CCW
CW
CCW


Similar Part No. - TB67S269FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S261FTG TOSHIBA-TB67S261FTG Datasheet
788Kb / 26P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2015-6-3
TB67S265FTG TOSHIBA-TB67S265FTG Datasheet
748Kb / 31P
   Toshiba BiCD process integrated circuit silicon monolithic
2015-6-24
More results

Similar Description - TB67S269FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S102AFG TOSHIBA-TB67S102AFG Datasheet
1Mb / 29P
   CLOCK-in controlled Bipolar Stepping Motor Driver
2013-11-05
TB67S109AFTG TOSHIBA-TB67S109AFTG Datasheet
570Kb / 32P
   CLOCK-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
   CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
TB67S215FTAG TOSHIBA-TB67S215FTAG Datasheet
892Kb / 23P
   PWM method CLOCK-IN Bipolar stepping motor driver
TB62213AHQ TOSHIBA-TB62213AHQ Datasheet
466Kb / 22P
   PHASE-in controlled Bipolar Stepping Motor Driver IC
2015-07-10
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S249FTG TOSHIBA-TB67S249FTG Datasheet
463Kb / 27P
   Active Gain Control Clock-in control Bipolar stepping motor driver
2021-02-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com