Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCK102G Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCK102G
Description  1A Load Switch IC with Slew Rate Control Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK102G Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCK102G Datasheet HTML 2Page - Toshiba Semiconductor TCK102G Datasheet HTML 3Page - Toshiba Semiconductor TCK102G Datasheet HTML 4Page - Toshiba Semiconductor TCK102G Datasheet HTML 5Page - Toshiba Semiconductor TCK102G Datasheet HTML 6Page - Toshiba Semiconductor TCK102G Datasheet HTML 7Page - Toshiba Semiconductor TCK102G Datasheet HTML 8Page - Toshiba Semiconductor TCK102G Datasheet HTML 9Page - Toshiba Semiconductor TCK102G Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCK101G/102G
2014-03-01
6
Application Note
1.
Application circuit example (top view)
The figure below shows the recommended configuration for TCK101G and TCK102G.
1) Input capacitor CIN
An input capacitor (CIN) is not necessary for the guaranteed operation of TCK101G and TCK102G. However, it
is recommended to use input capacitors to reduce voltage drop due to sharp changes in output current and also
for improved stability of the power supply. When used, place CIN as close to VIN pin to improve stability of the
power supply. Also, due to the CIN selected, VIN < VOUT may occur, causing a reverse current to flow through the
body diode of the pass-through p-ch MOSFET of the load switch IC. In this case, a higher value for CIN as
compared to CL is recommended.
2) Output capacitor
An output capacitor (COUT) is not necessary for the guaranteed operation of TCK101G and TCK102G. However,
there is a possibility of overshoot or undershoot caused by output load transient response, board layout and
parasitic components of load switch IC. In this case, an output capacitor with COUT more than 0.1μF us
recommended.
3) Control pin
A control pins for TCK101G and TCK102G are both Active High, which controls both the pass-through p-ch
MOSFET and the discharge n-ch MOSFET (only for TCK101G), operated by the control voltage and Schmitt
trigger. When the control voltage level is High, p-ch MOSFET is ON state and n-ch MOSFET is OFF state. When
control voltage level is Low, and the state of the MOSFETs is reversed. Also, pull down resistance equivalent to a
few MΩis connected between CONTROL and GND, thus the load switch IC is in OFF state even when CONTROL
pin is OPEN. In addition, CONTROL pin has a tolerant function such that it can be used even if the control voltage
is higher than the input voltage.
Control
Voltage
Output
Voltage
HIGH
ON
LOW
OFF
OPEN
OFF
VOUT
GND
VIN
CONTROL
CL
RL
LOAD
CIN


Similar Part No. - TCK102G

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK102 TRACOPOWER-TCK102 Datasheet
355Kb / 1P
   Inductor
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK1024G TOSHIBA-TCK1024G Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
More results

Similar Description - TCK102G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
TCK107G TOSHIBA-TCK107G Datasheet
280Kb / 11P
   1.0 A Load Switch IC with Slew Rate Control Driver in Ultra Small Package
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com