Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCK104G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCK104G
Description  Load Switch IC with Current Limit function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK104G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCK104G Datasheet HTML 1Page - Toshiba Semiconductor TCK104G Datasheet HTML 2Page - Toshiba Semiconductor TCK104G Datasheet HTML 3Page - Toshiba Semiconductor TCK104G Datasheet HTML 4Page - Toshiba Semiconductor TCK104G Datasheet HTML 5Page - Toshiba Semiconductor TCK104G Datasheet HTML 6Page - Toshiba Semiconductor TCK104G Datasheet HTML 7Page - Toshiba Semiconductor TCK104G Datasheet HTML 8Page - Toshiba Semiconductor TCK104G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCK104G,TCK105G
2014-03-01
5
AC Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition(Figure 1)
Min
Typ.
Max
Unit
VOUT rise time
tr
VIN = 3.3 V , RL = 500 Ω , CL = 0.1 μF
175
μs
VOUT fall time
tf
VIN = 3.3 V , RL = 500 Ω , CL = 0.1 μF
40
μs
Turn on delay
tON
VIN = 3.3 V , RL = 500 Ω , CL = 0.1 μF
130
μs
Turn off delay
tOFF
VIN = 3.3 V , RL = 500 Ω , CL = 0.1 μF
9
μs
AC Waveform
Figure 1 tr, tf, tON, tOFF Waveforms
VIH
VOUT
VCT
VOL
VOH
VIL
90%
tON
tOFF
50%
50%
10%
tr
tf
VOUT
10%
90%
90%
10%


Similar Part No. - TCK104G

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK100 TRACOPOWER-TCK100 Datasheet
338Kb / 1P
   Inductor
Rev. November 30, 2022
TCK101 TRACOPOWER-TCK101 Datasheet
491Kb / 1P
   Common Mode Choke
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
TRACO Electronic AG
TCK102 TRACOPOWER-TCK102 Datasheet
355Kb / 1P
   Inductor
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK1024G TOSHIBA-TCK1024G Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
More results

Similar Description - TCK104G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com