Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCK321G Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCK321G
Description  36 V, Dual Inputs ??Single Output Power Multiplexer IC with Over Voltage Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK321G Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCK321G Datasheet HTML 5Page - Toshiba Semiconductor TCK321G Datasheet HTML 6Page - Toshiba Semiconductor TCK321G Datasheet HTML 7Page - Toshiba Semiconductor TCK321G Datasheet HTML 8Page - Toshiba Semiconductor TCK321G Datasheet HTML 9Page - Toshiba Semiconductor TCK321G Datasheet HTML 10Page - Toshiba Semiconductor TCK321G Datasheet HTML 11Page - Toshiba Semiconductor TCK321G Datasheet HTML 12Page - Toshiba Semiconductor TCK321G Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TCK321G, TCK322G
2015-10-20
10
Representative Typical Characteristics
1) ON resistance
2) Quiescent current
70
0
9
Input voltage
VIN
(V)
3
6
12
15
IOUT = -1.0 A
Ta = 25°C
Pulse test
80
90
100
110
120
RON - VIN
70
0
1.5
Output current
IOUT
(A)
1.0
3.0
VIN = 4.5 V
Ta = 25°C
Pulse test
80
90
100
110
120
RON - IOUT
0.5
2.0
2.5
0
0
30
Input voltage
VIN
(V)
20
40
IOUT = 0 mA
Ta = 25°C
(TCK322G)
40
80
120
160
200
IQ(ON) - VIN
10
0
-50
50
Ambient temperature
Ta
(°C)
100
IOUT = 0 mA
VIN = 5.0V
40
80
120
160
200
IQ(ON) - Ta
25
0
0
30
Input voltage
VIN
(V)
20
40
VSEL, CNT = GND
VOUT = 0 V
40
80
120
160
200
IQ(OFF) - VIN
10
85°C
Ta = 25°C
-40°C
0.1
0
14
Output voltage
VOUT
(V)
18
10
100
1000
IRB - VOUT
8
1
4
12
VSEL, CNT = GND
VIN = 0 V
Ta = 25°C


Similar Part No. - TCK321G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK302G TOSHIBA-TCK302G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK303G TOSHIBA-TCK303G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
More results

Similar Description - TCK321G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
   28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
logo
Kinetic Technologies.
KTS1682 KINETIC-KTS1682 Datasheet
436Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04c Page
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1681 KINETIC-KTS1681 Datasheet
461Kb / 12P
   4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04d
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
   4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
   Over Voltage Protection IC
logo
Silicon Mitus, Inc.
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
   Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com