Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP104 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP104
Description  IPM (Intelligent Power Module)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP104 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP104 Datasheet HTML 3Page - Toshiba Semiconductor TLP104 Datasheet HTML 4Page - Toshiba Semiconductor TLP104 Datasheet HTML 5Page - Toshiba Semiconductor TLP104 Datasheet HTML 6Page - Toshiba Semiconductor TLP104 Datasheet HTML 7Page - Toshiba Semiconductor TLP104 Datasheet HTML 8Page - Toshiba Semiconductor TLP104 Datasheet HTML 9Page - Toshiba Semiconductor TLP104 Datasheet HTML 10Page - Toshiba Semiconductor TLP104 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLP104
2015-10-16
7
t P H L / t P LH / | t P LH - t P HL | - C L
t PH L / t P L H / | t P LH - t P HL | - Ta
Lor d c ap ac i t anc e CL (pF)
Ambient temperature
Ta (°C)
t P H L / t P L H / | t P LH - t P HL | - I F
t P H L / t P L H / | t P LH - t P HL | - V CC
I nput f o r w ar d c u r r ent I F (mA)
Supply voltage V CC (V)
t PH L / t P LH / | t P L H - t P HL | - R L
t P H L / t P LH / | t P LH - t P HL | - R L
Lor d r es i s t anc e R L (kΩ)
Lor d r es i s t anc e R L (kΩ)
*: The above graphs show typical characteristics.
0
400
800
1200
1600
2000
0
100
200
300
400
500
600
700
0
100
200
300
400
500
-40 -20
0
20
40
60
80 100 120 140
0
100
200
300
400
500
0
5
10
15
20
-200
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
0
200
400
600
800
1000
0
10
20
30
40
50
0
100
200
300
400
500
0
5
10
15
20
tPHL
IF = 10 mA, CL = 100 pF,
RL = 20k
Ω
Vcc = 15 V, CL = 100 pF,
RL = 20k
Ω
tPLH
|tPLH –tPHL|
tPLH
tPHL
|tPLH –tPHL|
IF = 10 mA, Vcc = 15 V
CL = 100 pF
IF = 10 mA, Vcc = 5 V
CL = 10 pF
|tPLH -tPHL|
tPHL
tPLH
|tPLH -tPHL|
tPHL
tPLH
IF = 10 mA, Vcc = 15 V
CL = 100 pF, RL = 20k
Ω
|tPLH –tPHL|
tPHL
tPLH
IF = 10 mA, Vcc = 15 V
RL = 20k
Ω
|tPLH -tPHL|
tPHL
tPLH


Similar Part No. - TLP104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
More results

Similar Description - TLP104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com