Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP701A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP701A
Description  Photocouplers GaA-As Infrared LED and Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP701A Datasheet HTML 1Page - Toshiba Semiconductor TLP701A Datasheet HTML 2Page - Toshiba Semiconductor TLP701A Datasheet HTML 3Page - Toshiba Semiconductor TLP701A Datasheet HTML 4Page - Toshiba Semiconductor TLP701A Datasheet HTML 5Page - Toshiba Semiconductor TLP701A Datasheet HTML 6Page - Toshiba Semiconductor TLP701A Datasheet HTML 7Page - Toshiba Semiconductor TLP701A Datasheet HTML 8Page - Toshiba Semiconductor TLP701A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLP701A
3
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Peak transient input forward
current
Peak transient input forward
current derating
Input reverse voltage
Input power dissipation
Input power dissipation
derating
Peak high-level output current
Peak low-level output current
Output voltage
Output power dissipation
Output power dissipation
derating
Supply voltage
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 85 )
(Ta ≥ 85 )
(Ta ≥ 85 )
(Ta = -40 to 100 )
(Ta = -40 to 100 )
(Ta ≥ 85 )
(10 s)
AC, 60 s,
R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFPT
∆IFPT/∆Ta
VR
PD
∆PD/∆Ta
IOPH
IOPL
VO
PO
∆PO/∆Ta
VCC
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
(Note 2)
(Note 3)
(Note 4)
Rating
25
-0.67
1
-25
5
40
-1.0
-0.6
+0.6
35
80
-2.0
35
-40 to 100
-55 to 125
260
5000
Unit
mA
mA/
A
mA/
V
mW
mW/
A
V
mW
mW/
V
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 µs, 300 pps
Note 2: Exponential waveform. Pulse width ≤ 2 µs, f ≤ 15 kHz
Note 3: ≥ 2 mm below seating plane.
Note 4: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input on-state current
Input off-state voltage
Supply voltage
Peak high-level output current
Peak low-level output current
Operating frequency
Symbol
IF(ON)
VF(OFF)
VCC
IOPH
IOPL
f
Note
(Note 1)
(Note 2)
(Note 3)
Min
6.5
0
10
Typ.
Max
15
0.8
30
-0.2
+0.2
25
Unit
mA
V
A
kHz
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 6 and pin 4 to stabilize the operation of a high-
gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be
placed within 1 cm of each pin.
Note 1: The rise and fall times of the input on-current should be less than 0.5 µs.
Note 2: Denotes the operating range, not the recommended operating condition.
Note 3: Exponential waveform. IOPH ≥ -0.3 A (≤ 2.0 µs), IOPL ≤ 0.3 A (≤ 2.0 µs), Ta = 100 
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


Similar Part No. - TLP701A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results

Similar Description - TLP701A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com