Electronic Components Datasheet Search |
|
TCR2DG295 Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TCR2DG295 Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 15 page TCR2DG series 2014-03-01 2 Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Input voltage VIN 6.0 V Control voltage VCT -0.3 to 6.0 V Output voltage VOUT -0.3 to VIN + 0.3 V Output current IOUT 200 mA Power dissipation PD 800 (Note1) mW Operation temperature range Topr −40 to 85 °C Junction temperature Tj 150 °C Storage temperature range Tstg −55 to150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note1: Rating at mounting on a board Glass epoxy(FR4) board dimension: 40mm x 40mm x 1.8mm, both sides of board Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50% Through hole: diameter 0.5mm x 28 |
Similar Part No. - TCR2DG295 |
|
Similar Description - TCR2DG295 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |