Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18043 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 18043
Description  P/N 1110748 Surface Mount-to-DIP JEDEC SOT-25, SOT-23A-6 Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

18043 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  18043 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Allows for breadboarding or substitution of Microgate SOT-23A-6 and SOT-25 IC
and transistor packages into 0.100 [2.54] pitch proto boards or PC boards.
• Solder masked top-side pads allow user to hand solder devices directly to topside of
adapter with fewer problems of solder bridging.
• Longer male bottom Pins available at special request for easy use of probe clips.
• Large topside pads allow for soldering test pins, jumpers, etc. to top of adapter.
GENERAL SPECIFICATIONS
• BOARD MATERIAL: 0.062 [1.58] thick FR-4 manufactured to IPC-600E, Class 2
standards, with 1-oz. Cu traces, both sides
• PADS: HASL
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 ASTM B579-73 over 100µ [2.54µ] Ni
per SAE-AMS-QQ-N-290
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
18043
Rev. AA
P/N 1110748 Surface Mount-to-DIP JEDEC
SOT-25, SOT-23A-6 Adapter
ORDERING INFORMATION
P/N 1110748
P/N 1110748-P for Panelized Version
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
ALL CAC’s ARE MANUFACTURED ND INSPECTED USING IPC -610B
CLASS 2 GUIDELINES
CONSULT FACTORY FOR MOUNTING CONSIDERATIONS OF
CONSIGNED CHIPS.
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 18043

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1804307-1 TEC-1804307-1 Datasheet
823Kb / 1P
   TOLERANCES UNLESS OTHERWISE SPECIFIED:
More results

Similar Description - 18043

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
1110748 ARIES-1110748 Datasheet
420Kb / 1P
   Surface Mount-to-DIP JEDEC SOT-25, SOT-23A-6 Adapter
1109522 ARIES-1109522 Datasheet
518Kb / 1P
   DIP-to-JEDEC TO Adapter Socket
18012 ARIES-18012 Datasheet
575Kb / 1P
   P/Ns 1109522 and 1109523 DIP-to-JEDEC TO Adapter Socket
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
   Molded JEDEC SOT-23 Package
logo
Yea Shin Technology Co....
BAW56T YEASHIN-BAW56T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com