Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1581U5-3.3 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1581U5-3.3
Description  5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1581U5-3.3 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX1581U5-3.3 Datasheet HTML 1Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 2Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 3Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 4Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 5Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 6Page - Sipex Corporation SPX1581U5-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Date 5/25/04
SPX1581 5A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Accuracy
Output Voltage
Packages
SPX1581U5 ............................... 2.0% ............................. Adj .......................... 5-Pin TO-220
SPX1581U5-2.5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-220
SPX1581U5-2.8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-220
SPX1581U5-3.3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-220
SPX1581T5 ................................ 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1581T5/TR .......................... 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1581T5-2.5 .......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1581T5-2.5/TR .................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1581T5-2.8 .......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1581T5-2.8/TR .................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1581T5-3.3 .......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
SPX1581T5-3.3/TR .................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1581T5-3.3/TR = standard; SPX1581T5-L-3.3/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263.


Similar Part No. - SPX1581U5-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1581U SIPEX-SPX1581U Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581U-2.5 SIPEX-SPX1581U-2.5 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581U-2.8 SIPEX-SPX1581U-2.8 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581U-3.3 SIPEX-SPX1581U-3.3 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1581U5-3.3

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com