Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65262-2RHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65262-2RHBR
Description  Output Current Triple Synchronous Step-Down Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262-2RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65262-2RHBR Datasheet HTML 3Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 4Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 5Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 6Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 7Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 8Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 9Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 10Page - Texas Instruments TPS65262-2RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TPS65262-2
www.ti.com
SLVSD87A – DECEMBER 2015 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
TJ = –40°C to 125°C, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD, MODE, POWER SEQUENCE
FBx undervoltage falling
92.5%
FBx undervoltage rising
95%
Vth_PG
Feedback voltage threshold
VREF
FBx overvoltage rising
107.5%
FBx overvoltage falling
105%
tDEGLITCH(PG)_F
PGOOD falling edge deglitch time
0.19
ms
tRDEGLITCH(PG)_R
PGOOD rising edge deglitch time
1
ms
IPG
PGOOD pin leakage
0.05
µA
VLOW_PG
PGOOD pin low voltage
ISINK = 1 mA
0.4
V
VMODEH
MODE high level input voltage
1.2
1.27
V
VMODEL
MODE low level input voltage
1.0
1.15
V
IMODE
MODE pullup current
MODE = 1 V
3.6
µA
IMODE
MODE pullup current
MODE = 1.5 V
6.6
µA
LDO1 AND LDO2
VLENXH
LEN1, LEN2 high-level input voltage
1.2
1.27
V
VLENXL
LEN1, LEN2 low-level input voltage
1.0
1.15
V
LENx = 1 V
3.6
ILENX
LEN1, LEN2 pullup current
µA
LENx = 1.5 V
6.6
VINLDO1
LDO input voltage range
1.3
18
V
VOUTLDO1
LDO output voltage range
load current = 350 mA, VIN = 12 V
1
5.5
V
VLDOFB1
LDO voltage reference
load current = 10 mA, VIN = 12 V
0.593
0.6
0.607
V
Imax_LDO1
LDO current limit
350
440
559
mA
IOUT = 20 mA
12
mV
Vdropout1
LDO dropout voltage
IOUT = 200 mA
120
mV
VOUT = 1.8 V, IOUT = 10 mA, LVIN1 changes from 2 to
VLINEREG_LDO1
LDO line regulation-DC(1)
0.002
%/V
18 V
VLOADREG_LDO1
LDO load regulation-DC(1)
IOUT = 1 mA to 350 mA
0.2
%/A
Vin_LDO1 = 12 V, VOUT = 1.8 V, IOUT = 10 mA,
PSRRLDO1
Ripple rejection(1)
56
dB
ƒ = 10 kHz
VINLDO2
LDO input voltage range
1.3
18
V
VOUTLDO2
LDO output voltage range
Load current = 150 mA, VIN = 12 V
1
5.5
V
VLDOFB2
LDO voltage reference
Load current = 10 mA, VIN = 12 V
0.593
0.6
0.607
V
Imax_LDO2
LDO current limit
160
230
295
mA
IOUT = 10 mA
12
mV
Vdropout2
LDO drop out voltage
IOUT = 100 mA
120
mV
VOUT = 1.8 V, IOUT = 10 mA, LVIN1 changes from 2 to
VLINEREG_LDO2
LDO line regulation-DC(1)
0.002
%/V
18 V
VLOADREG_LDO2
LDO load regulation-DC(1)
IOUT = 1 to 150 mA, VIN = 12 V
0.2
%/A
Vin_LDO2 = 12 V, VOUT = 1.8 V, IOUT = 10 mA,
PSRRLDO2
Ripple rejection(1)
56
dB
ƒ = 10 kHz
OSCILLATOR
ƒSW
Switching frequency
540
600
670
kHz
THERMAL PROTECTION
TTRIP_OTP
Temperature rising
160
°C
Thermal protection trip point(1)
THYST_OTP
Hysteresis
20
°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65262-2


Similar Part No. - TPS65262-2RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65262-1RHBR TI1-TPS65262-1RHBR Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1RHBT TI1-TPS65262-1RHBT Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
More results

Similar Description - TPS65262-2RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com