Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92691QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92691QPWPRQ1
Description  Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92691QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92691QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS92691QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TPS92691, TPS92691-Q1
www.ti.com
SLVSD68 – DECEMBER 2015
6.4 Thermal Information
TPS92691/-Q1
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
40.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.1
°C/W
RθJB
Junction-to-board thermal resistance
22.2
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
22.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
TJ = –40°C to 140°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load
on GATE and DDRV (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (VIN)
VDO
LDO dropout voltage
ICC = 20 mA, VIN = 5 V
300
mV
BIAS SUPPLY (VCC)
VCC(REG)
Regulation voltage
No load
7.0
7.5
8.0
V
VCC rising threshold, VIN = 8 V
4.1
4.35
V
VCC(UVLO)
Supply undervoltage protection
VCC falling threshold, VIN = 8 V
3.75
4.0
V
Hysteresis
100
mV
ICC(LIMIT)
Supply current limit
VCC = 0 V
26
38
46
mA
ICC(STBY)
Supply stand-by current
VPWM = 0 V
1.8
2.1
mA
ICC(SW)
Supply switching current
VCC = 7.5 V, CGATE = 1 nF
5.1
6.6
mA
OSCILLATOR (RT/SYNC)
RT = 40 kΩ
165
200
230
kHz
ƒSW
Switching frequency
RT = 20 kΩ
327
390
448
kHz
VRT
RT output voltage
1
V
SYNC rising threshold
VRT/SYNC rising
2.7
3.1
V
VSYNC
SYNC falling threshold
VRT/SYNC falling
1.8
2
V
tSYNC(MIN)
Minimum SYNC clock pulse width
100
ns
GATE DRIVER (GATE)
RGH
Gate driver high side resistance
IGATE = –10 mA
5.4
11.2
Ω
RGL
Gate driver low side resistance
IGATE = 10 mA
4.3
10.5
Ω
CURRENT SENSE (IS)
VIS(LIMIT)
Current limit threshold
497
525
550
mV
tIS(BLANK)
Leading edge blanking time
103
150
188
ns
tIS(FAULT)
Current limit fault time
35
µs
tILMT(DLY)
IS to GATE propagation delay
VIS pulsed from 0 to 1 V
100
ns
PWM COMPARATOR AND SLOPE COMPENSATION
DMAX
Maximum duty cycle
90.4%
93%
94.7%
VLV
IS to COMP level shift voltage
No slope compensation added
1.17
1.5
1.8
V
D = DMAX (with max slope
VSL
Slope compensation
200
mV
compensation)
ILV
IS level shift bias current
No slope compensation added
25
µA
(1)
All voltages are with respect to AGND unless otherwise noted
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92691 TPS92691-Q1


Similar Part No. - TPS92691QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92691QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com