Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610981DSET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610981DSET
Description  Ultra-Low Quiescent Current Synchronous Boost
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610981DSET Datasheet(HTML) 1 Page - Texas Instruments

  TPS610981DSET Datasheet HTML 1Page - Texas Instruments TPS610981DSET Datasheet HTML 2Page - Texas Instruments TPS610981DSET Datasheet HTML 3Page - Texas Instruments TPS610981DSET Datasheet HTML 4Page - Texas Instruments TPS610981DSET Datasheet HTML 5Page - Texas Instruments TPS610981DSET Datasheet HTML 6Page - Texas Instruments TPS610981DSET Datasheet HTML 7Page - Texas Instruments TPS610981DSET Datasheet HTML 8Page - Texas Instruments TPS610981DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
SW
MODE
VMAIN
VSUB
VIN
CBAT
10µF
CO2
10µF
CO1
10µF
BOOST
CTRL
LDO / LS
CTRL
GND
CIN
0.1µF
RIN
400
0.7V to 4.5V
L
4.7µH
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986
SLVS873C – JUNE 2015 – REVISED DECEMBER 2015
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load
Switch
The TPS61098x has two modes controlled by MODE
1 Features
pin: Active mode and Low Power mode. In Active
1
300 nA Ultra-Low IQ in Low Power mode
mode, both outputs are enabled with enhanced
Startup into Load at 0.7 V Input Voltage
response performance. In Low Power mode, the LDO
or load switch is disabled to disconnect peripherals.
Operating Input Voltage from 0.7 V to 4.5 V
The TPS61098x consumes only 300 nA quiescent
Selectable Output Voltages Up to 4.3 V
current and can achieve up to 88% efficiency at
Minimum 350 mA Switch Peak Current Limit
10 µA load in Low Power mode.
Integrated LDO/Load Switch
The TPS61098x supports automatic pass-through
Two Modes Controlled by MODE Pin
function. When input voltage is higher than a pass-
through
threshold,
the
boost
converter
stops
Active Mode: Dual Outputs at Set Values
switching and passes the input voltage to VMAIN rail;
Low Power Mode: LDO/Load Switch Off; Boost
when input voltage is lower than the threshold, the
Keeps On
boost works in boost mode and regulates output at
Automatic Pass-Through
the target value. The TPS61098x provides different
versions for different output set values.
Up to 88% Efficiency at 10 µA Load from 2 V to
3.3 V Conversion (Low Power Mode)
The TPS61098x can provide up to 50 mA total output
Up to 93% Efficiency at 5 mA ~ 100 mA Load
current at 0.7 V input to 3.3 V output conversion. The
from 2 V to 3.3 V Conversion
boost is based on a hysteretic controller topology
using
synchronous
rectifier
to
obtain
maximum
1.5 mm x 1.5 mm WSON Package
efficiency at minimal quiescent current.
2 Applications
The TPS61098x is available in 1.5 mm x 1.5 mm
WSON package to enable small circuit layout size.
Smart Remote Control
BLE Tag
Device Information(1)
Wearable Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low Power Wireless Applications
TPS61098x
6 pin WSON
1.50 mm x 1.50 mm
Portable Consumer or Medical Products
(1) For all available packages, see the orderable addendum at
the end of this document.
Single Coin Cell, Single or Two-Cell Alkaline
Powered Applications
Simplified Schematic
3 Description
The TPS61098x is an ultra low power solution for
products powered by either a one-cell or two-cell
alkaline, NiCd or NiMH, one-cell coin cell or one-cell
Li-Ion or Li-polymer battery. It integrates either a Low-
dropout Linear Regulator (LDO) or a load switch with
a boost converter and provides two output rails. The
boost output V(MAIN) is designed as an always-on
supply for a main system, and the LDO or load switch
output V(SUB) is to power peripheral devices.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS610981DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610981DSET TI1-TPS610981DSET Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results

Similar Description - TPS610981DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com