Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22965-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22965-Q1
Description  On-Resistance Load Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22965-Q1 Datasheet HTML 7Page - Texas Instruments TPS22965-Q1 Datasheet HTML 8Page - Texas Instruments TPS22965-Q1 Datasheet HTML 9Page - Texas Instruments TPS22965-Q1 Datasheet HTML 10Page - Texas Instruments TPS22965-Q1 Datasheet HTML 11Page - Texas Instruments TPS22965-Q1 Datasheet HTML 12Page - Texas Instruments TPS22965-Q1 Datasheet HTML 13Page - Texas Instruments TPS22965-Q1 Datasheet HTML 14Page - Texas Instruments TPS22965-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
-0.5
0
0.5
1
1.5
2
2.5
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
V
ON (V)
VBIAS = 2.5V
VBIAS = 3.3V
VBIAS = 5V
VBIAS = 5.5V
C001
10
12
14
16
18
20
22
24
26
28
30
0
0.5
1
1.5
2
2.5
3
V
IN (V)
-40
ƒC
25
ƒC
105
ƒC
C001
VBIAS (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
200
220
240
260
280
300
320
D011
40qC
25qC
105qC
125qC
10
12
14
16
18
20
22
24
2
2.5
3
3.5
4
4.5
5
5.5
6
V
BIAS (V)
VIN = 0.8V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
C001
VIN (V)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
D007
40qC
25qC
105qC
125qC
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D008
40qC
25qC
105qC
125qC
11
TPS22965-Q1
www.ti.com
SLVSCI3B – APRIL 2014 – REVISED DECEMBER 2015
Product Folder Links: TPS22965-Q1
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical DC Characteristics (continued)
TA = 125°C data is only applicable to TPS22965NW-Q1 and TPS22965W-Q1.
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5.5 V
Figure 9. RON vs VIN
VBIAS = 5 V
IOUT = –200 mA
VON = 5.5 V
Figure 10. RON vs VIN
TA = 25°C
IOUT = –200 mA
VON = 5.5 V
Figure 11. RON vs VBIAS
VIN = 1.8 V
VON = 0 V
Figure 12. RPD vs VBIAS
VIN = 2 V
TA = 25°C
Figure 13. VOUT vs VON
VBIAS = 2.5 V
IOUT = –4 A
VON = 5.5 V
Figure 14. RON vs VIN


Similar Part No. - TPS22965-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22965-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com