Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5971 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5971
Description  12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5971 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5971_15 Datasheet HTML 7Page - Texas Instruments TLC5971_15 Datasheet HTML 8Page - Texas Instruments TLC5971_15 Datasheet HTML 9Page - Texas Instruments TLC5971_15 Datasheet HTML 10Page - Texas Instruments TLC5971_15 Datasheet HTML 11Page - Texas Instruments TLC5971_15 Datasheet HTML 12Page - Texas Instruments TLC5971_15 Datasheet HTML 13Page - Texas Instruments TLC5971_15 Datasheet HTML 14Page - Texas Instruments TLC5971_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
3
2
1
0
1
2
3
-
-
-
0
60
OutputCurrent(mA)
10
20
T =+25 C
VCC=12V
BCx=7Fh
°
A
30
50
40
3
2
1
0
1
2
3
-
-
-
-40
100
AmbientTemperature( C)
°
-20
0
I
=60mA
VCC=12V
BCx=7Fh
OLCMax
20
60
40
80
70
60
50
40
30
20
10
0
0
3
OutputVoltage(V)
0.5
1
I
=60mA
OLCMax
I
=50mA
OLCMax
I
=40mA
OLCMax
I
=30mA
OLCMax
I
=20mA
OLCMax
I
=10mA
OLCMax
T =+25 C,VCC=12V,BCx=7Fh
°
A
I
=5mA
OLCMax
I
=2mA
OLCMax
1.5
2.5
2
64
63
62
61
60
59
58
57
56
55
54
0
3
OutputVoltage(V)
0.5
1
I
=60mA
VCC=12V
BCx=7Fh
OLCMax
1.5
2.5
2
T = 40 C
-
°
A
T =+25 C
°
A
T =+85 C
°
A
100
10
1
0.1
0
70
I
,OutputCurrent(mA)
OLC
10
20
30
50
40
60
24.805
9.922
4.961
3.307
2.481
1.984
1.654
1.417
1.240
1.102
0.992
0.902
0.827
4000
3000
2000
1000
0
-40
100
Free-AirTemperature( C)
°
-20
0
20
60
40
80
TLC5971PWP
TLC5971RGE
TLC5971
www.ti.com
SBVS146D – AUGUST 2010 – REVISED DECEMBER 2015
6.8 Typical Characteristics
At TA = 25°C and VCC = 24 V, unless otherwise noted.
Figure 6. Power Dissipation vs Temperature
Figure 5. Reference Resistor vs Output Current
Figure 7. Output Current vs Output Voltage
Figure 8. Output Current vs Output Voltage
Figure 9. Constant-Current Error vs Output Current
Figure 10. Constant-Current Error vs Ambient Temperature
(Channel-to-Channel in Color Group)
(Channel-to-Channel in Color Group)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLC5971


Similar Part No. - TLC5971_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWP TI1-TLC59711PWP Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWPR TI1-TLC59711PWPR Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWPR TI-TLC5971PWPR Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Similar Description - TLC5971_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com