Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61098DSER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61098DSER
Description  Ultra-Low Quiescent Current Synchronous Boost
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61098DSER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61098DSER Datasheet HTML 6Page - Texas Instruments TPS61098DSER Datasheet HTML 7Page - Texas Instruments TPS61098DSER Datasheet HTML 8Page - Texas Instruments TPS61098DSER Datasheet HTML 9Page - Texas Instruments TPS61098DSER Datasheet HTML 10Page - Texas Instruments TPS61098DSER Datasheet HTML 11Page - Texas Instruments TPS61098DSER Datasheet HTML 12Page - Texas Instruments TPS61098DSER Datasheet HTML 13Page - Texas Instruments TPS61098DSER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
460
470
480
490
500
510
D005
VIN = 0.7 V
VIN = 1.5 V
VIN = 3.1 V
Boost Output Current (mA)
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
D006
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D041
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D042
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D039
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D040
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986
SLVS873C – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
TPS610985
MODE = High / Low
TPS610985
MODE = High / Low
Figure 13. Rectifier on Resistance vs Temperature
Figure 14. Low Side Switch On Resistance vs Temperature
TPS610986
MODE = High / Low
TPS610986
MODE = High / Low
Figure 15. Rectifier on Resistance vs Temperature
Figure 16. Low Side Switch on Resistance vs Temperature
TPS61098x
VIN < V(MAIN)
TPS61098
MODE = Low
V(MAIN) = 2.2 V
Figure 17. Current Limit vs Temperature
Figure 18. Boost Efficiency vs Output Current
(Low Power Mode)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986


Similar Part No. - TPS61098DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098DSER TI1-TPS61098DSER Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results

Similar Description - TPS61098DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com