Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22965TDSGRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22965TDSGRQ1
Description  On-Resistance Load Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965TDSGRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22965TDSGRQ1 Datasheet HTML 1Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 2Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 3Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 4Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 5Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 6Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 7Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 8Page - Texas Instruments TPS22965TDSGRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D008
40qC
25qC
105qC
125qC
Power
Supply
VIN
VBIAS
ON
CT
GND
VOUT
TPS22965x-Q1
RL
CL
CIN
OFF
ON
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22965-Q1
SLVSCI3B – APRIL 2014 – REVISED DECEMBER 2015
TPS22965x-Q1 5.5-V, 4-A, 16-m
Ω On-Resistance Load Switch
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified
Device Temperature Grade 2: –40°C to 105°C
(TPS22965-Q1, TPS22965N-Q1)
Device Temperature Grade 1: –40°C to 125°C
(TPS22965W-Q1, TPS22965NW-Q1)
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C6
Integrated Single Channel Load Switch
Input Voltage Range: 0.8 V to 5.5 V
Ultra-Low On Resistance (RON)
RON = 16 mΩ at VIN = 5 V (VBIAS = 5 V)
RON = 16 mΩ at VIN = 3.6 V (VBIAS = 5 V)
RON = 16 mΩ at VIN = 1.8 V (VBIAS = 5 V)
4 A Maximum Continuous Switch Current
Low Quiescent Current (50 µA)
Low Control Input Threshold Enables Use of
1.2-V, 1.8-V, 2.5-V and 3.3-V Logic
Configurable Rise Time
Quick Output Discharge (QOD) (TPS22965-Q1
and TPS22965W-Q1 Only)
WSON 8-pin Package with Thermal Pad
2 Applications
Automotive Electronics
Infotainment
ADAS (Advanced Driver Assistance Systems)
3 Description
The TPS22965x-Q1 is a small, ultralow-RON, single-
channel load switch with controlled turn on. The
device contains an N-channel MOSFET that can
operate over an input voltage range of 0.8 V to 5.5 V
and can support a maximum continuous current of 4
A. The VOUT rise time is configurable so that inrush
current may be reduced. The TPS22965-Q1 and
TPS22965W-Q1 devices include a 225-
Ω on-chip
load resistor for quick output discharge when the
switch is turned off.
The TPS22965x-Q1 devices are available in a small,
space-saving 2.00 mm × 2.00 mm 8-pin WSON
package (DSG) with integrated thermal pad allowing
for high power dissipation. The TPS22965-Q1 and
TPS22965N-Q1
devices
are
characterized
for
operation over the free-air temperature range of
–40°C to 105°C. Furthermore, the TPS22965W-Q1
and
TPS22965NW-Q1
devices
feature
wettable
flanks in the same SON package (DSG) and it is
characterized
for
operation
over
the
free-air
temperature range of –40°C to 125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22965-Q1
WSON (8)
2.00 mm × 2.00 mm
TPS22965N-Q1
TPS22965W-Q1
TPS22965NW-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
Simplified Schematic
RON vs VIN (VBIAS = 5 V, IOUT = –200 mA)


Similar Part No. - TPS22965TDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965DSGR TI1-TPS22965DSGR Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965DSGR TI1-TPS22965DSGR Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22965TDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com