Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1042181 Datasheet(PDF) 2 Page - SICK AG

Part # 1042181
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042181 Datasheet(HTML) 2 Page - SICK AG

  1042181 Datasheet HTML 1Page - SICK AG 1042181 Datasheet HTML 2Page - SICK AG 1042181 Datasheet HTML 3Page - SICK AG 1042181 Datasheet HTML 4Page - SICK AG 1042181 Datasheet HTML 5Page - SICK AG 1042181 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS30-N1241 | Dx30
MID RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DS30-N1241
1042181
Other models and accessories
www.sick.com/Dx30
Detailed technical data
Performance
Measuring range
200 mm ... 2,000 mm, 6 % remission
200 mm ... 2,000 mm, 18 % remission
200 mm ... 2,000 mm, 90 % remission
Resolution
10 mm, Teach resolution 1)
Response time
10 ms
Switching frequency
50 Hz
Light source
Laser, infrared 2)
Laser class
1 (EN 60825-1)
Typ. light spot size (distance)
20 mm x 20 mm (at 2 m)
Laser service life (MTTF at 25 °C)
100,000 h
1) 6 % ... 90 % remission.
2) Wave length: 850 nm.
Interfaces
Switching output
2 x NPN (100 mA) 1) 2) 3)
1) Output Q short-circuit protected.
2) NPN: HIGH = ≤ 2 V / LOW = UV.
3) Complementary switching outputs (Q, Ǭ)
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V 1)
Ripple
≤ 5 Vpp 2)
Warm-up time
≤ 5 min
Connection type
Male connector, M12, 4-pin
Indication
2 x LED
Weight
120 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.


Similar Part No. - 1042181

ManufacturerPart #DatasheetDescription
logo
Heyco.
10421 HEYCO-10421 Datasheet
101Kb / 1P
   Nylon PCB Supports - Reverse Locking
logo
ATGBICS by Approved Tec...
10421-C ATGBICS-10421-C Datasheet
210Kb / 6P
   10421 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (1m, Passive)
logo
PHOENIX CONTACT
104211 PHOENIX-104211 Datasheet
398Kb / 13P
   MINI-DC-UPS/12DC/4
logo
SICK AG
1042121 SICK-1042121 Datasheet
1Mb / 8P
   BAR CODE SCANNERS
1042124 SICK-1042124 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
More results

Similar Description - 1042181

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com