Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27546-G1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27546-G1
Description  Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27546-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27546-G1 Datasheet HTML 3Page - Texas Instruments BQ27546-G1 Datasheet HTML 4Page - Texas Instruments BQ27546-G1 Datasheet HTML 5Page - Texas Instruments BQ27546-G1 Datasheet HTML 6Page - Texas Instruments BQ27546-G1 Datasheet HTML 7Page - Texas Instruments BQ27546-G1 Datasheet HTML 8Page - Texas Instruments BQ27546-G1 Datasheet HTML 9Page - Texas Instruments BQ27546-G1 Datasheet HTML 10Page - Texas Instruments BQ27546-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
t(B)
t(BR)
t(HW1)
t(HW0)
t(CYCH)
t(DW1)
t(DW0)
t(CYCD)
Break
7-bit address
8-bit data
(a) Break and Break Recovery
(c) Host Transmitted Bit
(d) Gauge Transmitted Bit
(e) Gauge to Host Response
1.2V
t(RISE)
(b) HDQ line rise time
1-bit
R/W
t(RSPS)
bq27546-G1
www.ti.com
SLUSC53A – MAY 2015 – REVISED DECEMBER 2015
HDQ Communication Timing Characteristics (continued)
TA = –40°C to 85°C, CREG = 0.47 μF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(DW1)
bq27546-G1 sends 1 to host
32
50
μs
t(HW0)
Host sends 0 to bq27546-G1
86
145
μs
t(DW0)
bq27546-G1 sends 0 to host
80
145
μs
t(RSPS)
Response time, bq27546-G1 to host
190
950
μs
t(B)
Break time
190
μs
t(BR)
Break recovery time
40
μs
t(RISE)
HDQ line rising time to logic 1 (1.2 V)
950
ns
8.14 I
2C-Compatible Interface Timing Characteristics
TA = –40°C to 85°C, CREG = 0.47 μF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
600
ns
tw(L)
SCL pulse width (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
1000
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
tBUF
Bus free time between stop and start
66
μs
fSCL
Clock frequency (1)
400
kHz
(1)
If the clock frequency (fSCL) is > 100 kHz, use 1-byte write commands for proper operation. All other transactions types are supported at
400 kHz. (Refer to I2C Interface.)
Figure 1. HDQ Timing Diagrams
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq27546-G1


Similar Part No. - BQ27546-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27546-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com