Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27546YZFR-G1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27546YZFR-G1
Description  Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27546YZFR-G1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27546YZFR-G1 Datasheet HTML 1Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 2Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 3Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 4Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 5Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 6Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 7Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 8Page - Texas Instruments BQ27546YZFR-G1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
bq27546-G1
www.ti.com
SLUSC53A – MAY 2015 – REVISED DECEMBER 2015
6 Device Comparison Table
PART
FIRMWARE
COMMUNICATION
TAPE AND REEL
PACKAGE(1)
TA
NUMBER(1)
VERSION
FORMAT
QUANTITY
BQ27546YZFR-G1
3000
2.00
DSBGA-15
–40°C to 85°C
I2C, HDQ(1)
BQ27546YZFT-G1
250
(1)
bq27546-G1 is shipped in I2C mode.
7 Pin Configuration and Functions
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
Analog input pin connected to the internal coulomb counter where SRP is nearest the VSS connection.
SRP
A1
IA
Connect to a 5-m
Ω to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter where SRN is nearest the PACK– connection.
SRN
B1
IA
Connect to a 5-m
Ω to 20-mΩ sense resistor.
VSS
C1, C2
P
Device ground
SE
C3
O
Shutdown Enable output. Push-pull output
VCC
D1
P
Regulator output and processor power. Decouple with a 1.0-µF ceramic capacitor to VSS.
REGIN
E1
P
Regulator input. Decouple with a 0.1-µF ceramic capacitor to VSS.
HDQ
A2
I/O
HDQ serial communications line (Slave). Open-drain
TS
B2
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
CE
D2
I
Chip Enable. Internal LDO is disconnected from REGIN when driven low.
Cell-voltage measurement input. ADC input. Recommendation is 4.8 V maximum for conversion
BAT
E2
IA
accuracy.
Slave I2C serial communications clock input line for communication with system (Master). Use with a 10-
SCL
A3
I
k
Ω pull-up resistor (typical).
Slave I2C serial communications data line for communication with system (Master). Open-drain I/O. Use
SDA
B3
I/O
with a 10-k
Ω pull-up resistor (typical).
NC/GPIO
D3, E3
NC
Do not connect for proper operation. Reserved for future GPIO.
(1)
IA = Analog input, I/O = Digital input/output, P = Power connection, NC = No connect
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq27546-G1


Similar Part No. - BQ27546YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27546YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com