Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455A-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455A-Q1
Description  16-Cell EV/HEV Integrated Battery Monitor and Protector
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455A-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ76PL455A-Q1 Datasheet HTML 7Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 8Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 9Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 10Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 11Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 12Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 13Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 14Page - Texas Instruments BQ76PL455A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
11
bq76PL455A-Q1
www.ti.com
SLUSC51B – APRIL 2015 – REVISED DECEMBER 2015
Product Folder Links: bq76PL455A-Q1
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6.13 ADC: Post Board Assembly
(6): VSENSEn Cell Measurement Inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCELL_VR
Input voltage range
VCELL= VSENSEn – VSENSEn–1, n= 1
to 16
1
4.95
V
VCHERR65NB
Total Channel Measurement Accuracy
in temperature range of 0°C to 65°C
(1)(2)(3)
VSENSE = 1.5 V
–3
3
mV
VSENSE = 2.5 V
–3.5
3.5
VSENSE = 3.6 V
–5
5
VSENSE = 4.5 V
–7.6
7.6
VCHERR105NB
Total Channel Measurement Accuracy,
temperature range of –40°C to 105°C
(1)(2)(3)
VSENSE = 1.5 V
–4.5
4.5
VSENSE = 2.5 V
–6.3
6.3
VSENSE = 3.6 V
–8.4
8.4
VSENSE = 4.5 V
−11.1
11.1
LT_DriftVCHAN
Long-term drift (total channel path)
VSENSE = 4.5 V, TA = 65°C
(4)
18.47
ppm/ 1000
hours
VSENSE = 4.5 V, TA = 105°C
(5)
50.24
(1) Error measured with averaging enabled.
(2) User adjustable Gain and Offset registers are provided for further error trim at VSGAIN and VSOFFSET, respectively.
(3) Calculated and statistically projected worst case from characterization data. Includes inaccuracies due to IR reflow and thermal
hysteresis over 3 cycles (25°C -> –40°C -> 25°C -> 105°C -> 25°C)
(4) Computed from the first 500-hour operating life test at a stress temperature of 65°C.
(5) Computed from the first 500-hour operating life test at a stress temperature of 105°C.
(6) See Board Construction and Accuracy for board stack build information
(1)
Specified by design, not tested in production.
(2)
Calculated and statistically projected worst case from characterization data. Not tested in production.
6.14 ADC: AUXn General Purpose Inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VAUX_VR
Input voltage range(1)
VP/VDIG = 5.3 V
0
5
V
VAUXERR65
Total AUX Channel Measurement
Accuracy(2)
VAUX = 0.05 V, 0°C
≤ TA ≤ 65°C
–3
0.1
3
mV
VAUX = 4.95 V, 0°C
≤ TA ≤ 65°C
–10
0.1
10
mV
VAUXERR105
Total AUX Channel Measurement
Accuracy(2)
VAUX = 0.05 V, –40°C
≤ TA ≤ 105°C
–4.5
0.1
4.5
mV
VAUX = 4.95 V, –40°C
≤ TA ≤ 105°C
–12.5
0.1
12.5
mV


Similar Part No. - BQ76PL455A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL455APFCR TI1-BQ76PL455APFCR Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL455APFCT TI1-BQ76PL455APFCT Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
More results

Similar Description - BQ76PL455A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ79616 TI-BQ79616 Datasheet
4Mb / 216P
[Old version datasheet]   BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector
JUNE 2023
logo
PREMO CORPORATION S.L
BCT PREMO-BCT Datasheet
119Kb / 1P
   Automotive EV/HEV Isolated 3.3kW Battery Charger Transformer
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Bel Fuse Inc.
0AKS BEL-0AKS Datasheet
352Kb / 3P
   500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com