Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37735EHLXXXHP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37735EHLXXXHP
Description  PROM VERSION OF M37735MHLXXXHP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735EHLXXXHP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37735EHLXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
9
MITSUBISHI MICROCOMPUTERS
M37735EHLXXXHP
PROM VERSION OF M37735MHLXXXHP
EPROM MODE
The M37735EHLXXXHP features an EPROM mode in addition to its
_____
normal modes. When the RESET signal level is “L”, the chip
automatically enters the EPROM mode. Table 2 lists the
correspondence between pins and Figure 5 shows the pin
connections in the EPROM mode.
The EPROM mode is the 1M mode for the EPROM that is equivalent
to the M5M27C101K.
When in the EPROM mode, ports P0, P1, P2, P30, P50, P51, P52,
CNVSS and BYTE are used for the EPROM (equivalent to the
M5M27C101K). When in this mode, the built-in PROM can be
programmed or read from using these pins in the same way as with
the M5M27C101K.
This chip does not have Device Identifier Mode, so that set the
corresponding program algorithm. The program area should specify
address 0100016 – 1FFFF16.
Connect the clock which is either ceramic resonator or external clock
to XIN pin and XOUT pin.
Table 2. Pin function in EPROM mode
VCC
VPP
VSS
Address input
Data I/O
__
CE
__
OE
___
PGM
M37735EHLXXXHP
VCC
CNVSS, BYTE
VSS
Ports P0, P1, P30
Port P2
P52
P51
P50
M5M27C101K
VCC
VPP
VSS
A0 – A16
D0 – D7
__
CE
__
OE
___
PGM
: Connect to ceramic oscillation circuit.
: It is used in the EPROM mode.
Fig. 5 Pin connection in EPROM mode
P85/CLK1
P84/CTS1/RTS1
P83/TXD0
P82/RXD0/CLKS0
VCC
AVCC
VREF
AVSS
P77/AN7/XCIN
P76/AN6/XCOUT
P75/AN5/ADTRG/TxD2
P74/AN4/RxD2
P73/AN3/CLK2
P72/AN2/CTS2
P71/AN1
P70/AN0
P81/CLK0
P80/CTS0/RTS0/CLKS1
VSS
P22/A2/D2
P23/A3/D3
P24/A4/D4
P25/A5/D5
P26/A6/D6
P27/A7/D7
P30/WEL
P31/WEH
P32/ALE
P33/HLDA
VSS
E
/RDE
XOUT
XIN
RESET
CNVSS
BYTE
P40/HOLD
P41/RDY
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
M37735EHLXXXHP
D2
D3
D4
D5
D6
D7
VPP
VSS
VCC


P42/
1
A16
P67/TBIN/
SUB
P67/TBIN/
Outline 80P6D-A, 80P6Q-A


Similar Part No. - M37735EHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
   PROM VERSION OF M37735MHLXXXHP
More results

Similar Description - M37735EHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
   PROM VERSION OF M37735MHLXXXHP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
logo
Renesas Technology Corp
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
   PROM VERSION OF M37736MHBXXXGP
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
logo
Mitsubishi Electric Sem...
M37735EHB MITSUBISHI-M37735EHB Datasheet
591Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
   PROM VERSION OF M37736MHLXXXHP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com