Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202R-3.0 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX1202R-3.0
Description  600mA Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202R-3.0 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX1202R-3.0 Datasheet HTML 3Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 4Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 5Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 6Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 7Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 8Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 9Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 10Page - Sipex Corporation SPX1202R-3.0 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
E
D
L1
b2
e
b
.160
-
.190
.000
-
.010
Dimensions in inches
3-PIN TO-263
JEDEC TO-263
(AA) Variation
.020
-
.039
.015
-
.029
.070
-
.110
-
-
-
A
A1
b
c
D
E
E1
L
L1
L2
MIN
NOM
MAX
e
.100 BSC
.066
-
.330
-
.380
D1
.270
-
-
.380
-
.420
.245
-
-
H
.575
-
.625
.070
L3
.010 BSC
12
3
c
C2
A
H
SEATING PLANE
L
0º-8º
See View C
E/2
View C
GAUGE PLANE
A1
SEATING
PLANE
c
WITH PLATING
BASE METAL
b
SECTION B-B
B
B
3 PIN TO-263
PACKAGE: 3 PIN TO-263


Similar Part No. - SPX1202R-3.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202R-3.0 SIPEX-SPX1202R-3.0 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
More results

Similar Description - SPX1202R-3.0

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com