Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3102 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3102
Description  Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3102 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3102 Datasheet HTML 1Page - Toshiba Semiconductor TLP3102 Datasheet HTML 2Page - Toshiba Semiconductor TLP3102 Datasheet HTML 3Page - Toshiba Semiconductor TLP3102 Datasheet HTML 4Page - Toshiba Semiconductor TLP3102 Datasheet HTML 5Page - Toshiba Semiconductor TLP3102 Datasheet HTML 6Page - Toshiba Semiconductor TLP3102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP3102
2014-09-01
5
I F ─ Ta
I ON ─ Ta
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
I F ─ VF
I ON ─ VON
Forward voltage VF (V)
On-sate voltage VON (V)
R ON ─ Ta
I FT ─ Ta
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
10
100
Ta = 25℃
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
C接続
A,B接続
-3
-2
-1
0
1
2
3
-0.1
-0.05
0
0.05
0.1
IF=5mA,
A接続
Ta = 25℃
Ta = 25℃
A connection
IF = 5mA
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
ION=2.0A
IF=5mA,
t<1s, A接続
ION
= 2.0 A
IF
= 5 mA
t<1s
A connection
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
100
ION=100mA
t<1s
ION
= 100m A
t<1s
A,B connection
C connection


Similar Part No. - TLP3102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
   Normally opened (1-Form-A)
TLP3106A TOSHIBA-TLP3106A Datasheet
319Kb / 10P
   Photocouplers Photorelay
2022-04-12 Rev.3.0
More results

Similar Description - TLP3102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com