Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3330 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3330
Description  OFF-state output terminal voltage - 20 V (min)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3330 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3330 Datasheet HTML 1Page - Toshiba Semiconductor TLP3330 Datasheet HTML 2Page - Toshiba Semiconductor TLP3330 Datasheet HTML 3Page - Toshiba Semiconductor TLP3330 Datasheet HTML 4Page - Toshiba Semiconductor TLP3330 Datasheet HTML 5Page - Toshiba Semiconductor TLP3330 Datasheet HTML 6Page - Toshiba Semiconductor TLP3330 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP3330
5
Fig.
Fig.
Fig.
Fig. 12.1.7
12.1.7
12.1.7
12.1.7 ttttON
ON
ON
ON
, t
, t
, t
, tOFF
OFF
OFF
OFF
- I
- I
- I
- IFFFF
Fig.
Fig.
Fig.
Fig. 12.1.8
12.1.8
12.1.8
12.1.8 ttttON
ON
ON
ON
, t
, t
, t
, tOFF
OFF
OFF
OFF
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 12.1.9
12.1.9
12.1.9
12.1.9 IIIIOFF
OFF
OFF
OFF
- V
- V
- V
- VOFF
OFF
OFF
OFF
Fig.
Fig.
Fig.
Fig. 12.1.10
12.1.10
12.1.10
12.1.10 C
C
C
COFF
OFF
OFF
OFF
/C
/C
/C
/COFF
OFF
OFF
OFF
(0 V) - V
(0 V) - V
(0 V) - V
(0 V) - VOFF
OFF
OFF
OFF
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2013-10-28
Rev.1.0


Similar Part No. - TLP3330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
   Normally off (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
   Normally open (1-Form-A)
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
More results

Similar Description - TLP3330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP240G TOSHIBA-TLP240G Datasheet
412Kb / 17P
   OFF-state output terminal voltage - 350 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com