Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP240G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP240G
Description  OFF-state output terminal voltage - 350 V (min)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP240G Datasheet HTML 1Page - Toshiba Semiconductor TLP240G Datasheet HTML 2Page - Toshiba Semiconductor TLP240G Datasheet HTML 3Page - Toshiba Semiconductor TLP240G Datasheet HTML 4Page - Toshiba Semiconductor TLP240G Datasheet HTML 5Page - Toshiba Semiconductor TLP240G Datasheet HTML 6Page - Toshiba Semiconductor TLP240G Datasheet HTML 7Page - Toshiba Semiconductor TLP240G Datasheet HTML 8Page - Toshiba Semiconductor TLP240G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLP240G,TLP240GF
4
10.
10.
10.
10. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 350 V
V = 0 V, f = 1 MHz
Min
1.1
Typ.
1.27
50
30
Max
1.4
10
1000
Unit
V
µA
pF
nA
pF
11.
11.
11.
11. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
(Note 1)
Test Condition
ION = 100 mA
IOFF = 10 µA
ION = 100 mA, IF = 5 mA, t < 1 s
ION = 100 mA, IF = 5 mA, Continuous
Min
0.1
Typ.
0.6
25
35
Max
3
35
50
Unit
mA
Note 1: Thermally saturated state.
12.
12.
12.
12. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
13.
13.
13.
13. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 13.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
Min
Typ.
0.3
0.1
Max
2
1
Unit
ms
Fig.
Fig.
Fig.
Fig. 13.1
13.1
13.1
13.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2015-09-10
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TLP240G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP240GAF TOSHIBA-TLP240GAF Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
More results

Similar Description - TLP240G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com