Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0-31-0-06 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # LC0-31-0-06
Description  Environment conditions: Vectron MIL standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

LC0-31-0-06 Datasheet(HTML) 2 Page - Vectron International, Inc

  LC0-31-0-06 Datasheet HTML 1Page - Vectron International, Inc LC0-31-0-06 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.1.4. Ripple in pass band:
< 1.0 dB ( peak to peak )
2.2.
Stop band
2.2.1. Stop band attenuation
36 MHz…....100 MHz
> 60 dB
Guaranteed attenuation:
> 60 dB
2.3.
Terminating impedance ( input and output ):
50  // 0 pF
2.4.
Maximum input power level:
+20 dBm
3.
Marking:
4.
Environment conditions:
Vectron MIL standard
5.
Packing ( maximum 25 pcs. / box )
_______________________________________________________________________________
Edited by:
date: ____________________________ name: ___________________________


Similar Part No. - LC0-31-0-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC0-75-0-07 VECTRON-LC0-75-0-07 Datasheet
106Kb / 3P
   Environment conditions: corresponding to Vectron standard CF001
More results

Similar Description - LC0-31-0-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC160-0-50-0-06 VECTRON-LC160-0-50-0-06 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
LC160-0-50-0-6 VECTRON-LC160-0-50-0-6 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
MQF109-65-1200-06 VECTRON-MQF109-65-1200-06 Datasheet
34Kb / 1P
   Environment conditions: Vectron MIL-standard
LC187-5-65-0-06 VECTRON-LC187-5-65-0-06 Datasheet
101Kb / 2P
   Environment conditions: Vectron MIL - standard
LC154-75-37-9-07 VECTRON-LC154-75-37-9-07 Datasheet
92Kb / 2P
   Environment conditions: Vectron MIL - standard
QF5-3125-0600-06 VECTRON-QF5-3125-0600-06 Datasheet
141Kb / 2P
   Environment conditions according to Vectron MIL standard
MQF84-25-5000-06 VECTRON-MQF84-25-5000-06 Datasheet
36Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF90-0-5200-04 VECTRON-QF90-0-5200-04 Datasheet
137Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF4-3-0210-06 VECTRON-QF4-3-0210-06 Datasheet
103Kb / 2P
   Environment conditions: Corresponding to VECTRON MIL-standard
MQF90-0-0600-02 VECTRON-MQF90-0-0600-02 Datasheet
265Kb / 2P
   Environment conditions according to Vectron MIL standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com