Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1016492 Datasheet(PDF) 3 Page - SICK AG

Part # 1016492
Description  MID RANGE DISTANCE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016492 Datasheet(HTML) 3 Page - SICK AG

  1016492 Datasheet HTML 1Page - SICK AG 1016492 Datasheet HTML 2Page - SICK AG 1016492 Datasheet HTML 3Page - SICK AG 1016492 Datasheet HTML 4Page - SICK AG 1016492 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS60-N11121 | Dx60
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Electromagnetic compatibility (EMC)
EN 61000-6-2
EN 60947-5-2
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –25 °C ... +75 °C
Dimensional drawing (Dimensions in mm (inch))
38 (1.50)
87 (3.43)
Ø 5.5
(0.22)
42 (1.65)
69 (2.72)
1
2
5
5
5
3
4
6
12
(0.47)
54 (2.13)
①  Status indicator switching output 1
②  Status indicator switching output 2
③  Optical axis sender
④  Optical axis receiver
⑤  Mounting hole, Ø 5.2 mm
⑥  Male connector M12, 5-pin
Connection type
Male connector M12, 5-pin
Connection diagram
L+
Q1
M
MF
Q2
1
4
2
brn
blk
wht
3
blu
5
gra


Similar Part No. - 1016492

ManufacturerPart #DatasheetDescription
logo
SICK AG
1016491 SICK-1016491 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
1016493 SICK-1016493 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
logo
Amphenol Communications...
10164939 AMPHENOLCS-10164939 Datasheet
748Kb / 2P
   Header 4Rows, VT Z2H BTB Secure Connector
Rev. A
10164939-1481000LF AMPHENOLCS-10164939-1481000LF Datasheet
748Kb / 2P
   Header 4Rows, VT Z2H BTB Secure Connector
Rev. A
10164939-1481000MF AMPHENOLCS-10164939-1481000MF Datasheet
748Kb / 2P
   Header 4Rows, VT Z2H BTB Secure Connector
Rev. A
More results

Similar Description - 1016492

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com