Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1016494 Datasheet(PDF) 5 Page - SICK AG

Part # 1016494
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016494 Datasheet(HTML) 5 Page - SICK AG

  1016494 Datasheet HTML 1Page - SICK AG 1016494 Datasheet HTML 2Page - SICK AG 1016494 Datasheet HTML 3Page - SICK AG 1016494 Datasheet HTML 4Page - SICK AG 1016494 Datasheet HTML 5Page - SICK AG 1016494 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS60-N31111 | Dx60
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Recommended accessories
Other models and accessories
www.sick.com/Dx60
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket, steel, zinc coated, without mounting hardware
BEF-WN-DS60
4032937
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1205-G10M
6010544
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-W05M
6009869
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1205-W10M
6010542
Reflectors
"Diamond grade" reflective tape, self-adhesive, ready to assemble from the sheet,
74.9 cm x 91.4 cm 1), self-adhesive
REF-DG-K
4019634
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.


Similar Part No. - 1016494

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
10164940 AMPHENOLCS-10164940 Datasheet
1Mb / 2P
   Receptacle 4 ROWS, VI 10H BTB Secure Connector
Rev. A
10164940-1481000LF AMPHENOLCS-10164940-1481000LF Datasheet
1Mb / 2P
   Receptacle 4 ROWS, VI 10H BTB Secure Connector
Rev. A
10164940-1481000MF AMPHENOLCS-10164940-1481000MF Datasheet
1Mb / 2P
   Receptacle 4 ROWS, VI 10H BTB Secure Connector
Rev. A
10164940-1481001LF AMPHENOLCS-10164940-1481001LF Datasheet
1Mb / 2P
   Receptacle 4 ROWS, VI 10H BTB Secure Connector
Rev. A
10164940-1481001MF AMPHENOLCS-10164940-1481001MF Datasheet
1Mb / 2P
   Receptacle 4 ROWS, VI 10H BTB Secure Connector
Rev. A
More results

Similar Description - 1016494

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com