Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3414HVMRX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3414HVMRX
Description  Common Anode-Capable Constant Current Buck LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3414HVMRX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3414HVMRX Datasheet HTML 5Page - Texas Instruments LM3414HVMRX Datasheet HTML 6Page - Texas Instruments LM3414HVMRX Datasheet HTML 7Page - Texas Instruments LM3414HVMRX Datasheet HTML 8Page - Texas Instruments LM3414HVMRX Datasheet HTML 9Page - Texas Instruments LM3414HVMRX Datasheet HTML 10Page - Texas Instruments LM3414HVMRX Datasheet HTML 11Page - Texas Instruments LM3414HVMRX Datasheet HTML 12Page - Texas Instruments LM3414HVMRX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM3414, LM3414HV
www.ti.com
SNVS678F – JUNE 2010 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The LM3414/HV is a high power floating buck LED driver with wide input voltage ranges. The device requires no
external current sensing elements and loop compensation networks. The integrated power N-MOSFET enables
high-output power with up to 1000-mA output current. The combination of Pulse Width Modulation (PWM),
control architecture, and the proprietary Pulse Level Modulation (PLM) ensures accurate current regulation, good
EMI performance, and provides high flexibility on inductor selection. High-speed dimming control input allows
precision and high resolution brightness control for applications require fine brightness adjustment.
7.2 Functional Block Diagram
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414HVMRX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414HVMRX NSC-LM3414HVMRX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414HVMRX/NOPB TI1-LM3414HVMRX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
More results

Similar Description - LM3414HVMRX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com