Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS549A20 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS549A20
Description  15A Synchronous Step-Down SWIFT Converter With PMBus
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS549A20 Datasheet(HTML) 5 Page - Texas Instruments

  TPS549A20 Datasheet HTML 1Page - Texas Instruments TPS549A20 Datasheet HTML 2Page - Texas Instruments TPS549A20 Datasheet HTML 3Page - Texas Instruments TPS549A20 Datasheet HTML 4Page - Texas Instruments TPS549A20 Datasheet HTML 5Page - Texas Instruments TPS549A20 Datasheet HTML 6Page - Texas Instruments TPS549A20 Datasheet HTML 7Page - Texas Instruments TPS549A20 Datasheet HTML 8Page - Texas Instruments TPS549A20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
TPS549A20
www.ti.com
SLUSC79A – NOVEMBER 2015 – REVISED DECEMBER 2015
Product Folder Links: TPS549A20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Voltage values are with respect to the SW pin.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage range
EN
–0.1
7
V
SW
–3
20
VBST
–0.1
25.5
VBST(1)
–0.1
5.5
VDD
4.5
25
VIN
1.5
20
ADDR, SDA, SCL, FB, MODE, VO
–0.1
5.5
Output voltage range
PGOOD
–0.1
7
V
ALERT TRIP, VREG
–0.1
5.5
Ambient temperature, TA
–40
125
°C
(1)
Tested at these VOUT_ADJUSTMENT settings: –9.0%, –8.25%, –5.25%, –2.25%, 0.0%, 3.00%, 6.00%, 9.0%
(2)
Tested at these VOUT_MARGIN settings: –11.62%, –10.74%, –7.06%, –3.15%, 0%, 3.7%, 7.74%, 12.05%
6.4 Electrical Characteristics
over operating free-air temperature range, VDD = 12V, VREG = 5 V, VEN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVDD
VDD bias current
TA = 25°C, No load
Power conversion enabled (no
switching)
1350
1850
µA
IVDDSTBY
VDD standby current
TA = 25°C, No load
Power conversion disabled
850
1150
µA
IVIN(leak)
VIN leakage current
TA = 25°C, VEN = 0 V
0.5
µA
VREF OUTPUT
VVREF
Reference voltage
FB w/r/t GND, TA = 25°C
597
600
603
mV
VVREFTOL
Reference voltage tolerance
FB w/r/t GND, -40°C
≤ TJ ≤ 85°C
–0.5
0.5
%
FB w/r/t GND, –40°C
≤ TJ ≤ 125°C
–1.0
1.0
OUTPUT VOLTAGE
IFB
FB input current
VFB = 600 mV
50
100
nA
IVODIS
VO discharge current
VVO = 0.5 V, Power Conversion
Disabled
6
uA
INTERNAL DAC REFERENCE
VDACTOL1
DAC voltage tolerance 1
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
certain VOUT_ADJUSTMENT
settings only (1)
–6.0
6.0
mV
VDACTOL2
DAC voltage tolerance 2
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
certain VOUT_MARGIN settings
only (2)
–6.0
6.0
mV
VDACTOL3
DAC voltage tolerance 3
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
VOUT_ADJUSTMENT=0Dh and
VOUT_MARGIN=70h for 5%
–6.0
6.0
mV
VDACTOL4
DAC voltage tolerance 4
FB w/r/t GND, 0°C
≤ TA ≤ 85°C, with
VOUT_ADJUSTMENT=13h and
VOUT_MARGIN=07h for -5%
–6.0
6.0
mV


Similar Part No. - TPS549A20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Similar Description - TPS549A20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Monolithic Power System...
MP38875 MPS-MP38875 Datasheet
595Kb / 14P
   15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
logo
Monolithic Power System...
MP38876 MPS-MP38876 Datasheet
411Kb / 15P
   15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com