Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS549A20RVER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS549A20RVER
Description  15A Synchronous Step-Down SWIFT Converter With PMBus
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS549A20RVER Datasheet(HTML) 3 Page - Texas Instruments

  TPS549A20RVER Datasheet HTML 1Page - Texas Instruments TPS549A20RVER Datasheet HTML 2Page - Texas Instruments TPS549A20RVER Datasheet HTML 3Page - Texas Instruments TPS549A20RVER Datasheet HTML 4Page - Texas Instruments TPS549A20RVER Datasheet HTML 5Page - Texas Instruments TPS549A20RVER Datasheet HTML 6Page - Texas Instruments TPS549A20RVER Datasheet HTML 7Page - Texas Instruments TPS549A20RVER Datasheet HTML 8Page - Texas Instruments TPS549A20RVER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ADDR
FB
PGOOD
GND
EN
MODE
VBST
VREG
NC
VDD
SW
NC
SW
VIN
SW
VIN
SW
VIN
Thermal Pad
28
9
8
7
6
5
4
3
2
1
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
3
TPS549A20
www.ti.com
SLUSC79A – NOVEMBER 2015 – REVISED DECEMBER 2015
Product Folder Links: TPS549A20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
I = Input, O = Output, P = Supply, G = Ground
5 Pin Configuration and Functions
28-PIN
QFN
(TOP VIEW)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
ADDR
1
I
PMBus address configuration pin. Connect this pin into a resistor divider between VREG and GND to
program different address settings
ALERT
26
O
Alert output for the PMBus interface
EN
3
I
The enable pin turns on the DC-DC switching converter.
FB
23
I
VOUT feedback input. Connect this pin to a resistor divider between the VOUT pin and GND.
GND
22
G
This pin is the ground of internal analog circuitry and driver circuitry. Connect GND to the PGND
plane with a short trace (For example, connect this pin to the thermal pad with a single trace and
connect the thermal pad to PGND pins and PGND plane).
MODE
21
I
The MODE pin sets the forced continuous-conduction mode (FCCM) or auto-skip mode operation. It
also selects the ramp coefficient of D-CAP3 mode.
NC
5
Not connected. These pins are floating internally.
18
PGND
10
G
These ground pins are connected to the return of the internal low-side MOSFET.
11
12
13
14
PGOOD
2
O
Open-drain power-good status signal which provides startup delay after the FB voltage falls within the
specified limits. After the FB voltage moves outside the specified limits, PGOOD goes low within 2 µs.
SCL
28
I
Clock input for the PMBus interface
SDA
27
I/O
Data I/O for the PMBus interface


Similar Part No. - TPS549A20RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Similar Description - TPS549A20RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Monolithic Power System...
MP38875 MPS-MP38875 Datasheet
595Kb / 14P
   15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
logo
Monolithic Power System...
MP38876 MPS-MP38876 Datasheet
411Kb / 15P
   15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com