Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940RHBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940RHBRG4
Description  16-Channel LED Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5940RHBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5940RHBRG4 Datasheet HTML 1Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 2Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 3Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 4Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 5Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 6Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 7Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 8Page - Texas Instruments TLC5940RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLC5940
www.ti.com
SLVS515D – DECEMBER 2004 – REVISED NOVEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
–0.3
6
V
Input voltage(2)
V(BLANK), V(DCPRG), V(SCLK), V(XLAT), V(SIN),
–0.3
VCC +0.3
V
V(GSCLK), V(IREF)
V(SOUT), V(XERR)
–0.3
VCC +0.3
V
Output voltage
V(OUT0) to V(OUT15)
–0.3
18
V
Output current (dc)
130
mA
EEPROM program range
V(VPRG)
–0.3
24
V
EEPROM write cycles
50
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operting Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS
VCC
Supply Voltage
3
5.5
V
V O
Voltage applied to output (OUT0–OUT15)
17
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
OUT0 to OUT15, VCC < 3.6 V
60
mA
IOLC
Constant output current
OUT0 to OUT15, VCC > 3.6 V
120
mA
V(VPRG)
EEPROM program voltage
20
22
23
V
TA
Operating free-air temperature range
-40
85
°C
AC CHARACTERISTICS
VCC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
f(SCLK)
Data shift clock frequency
SCLK
30
MHz
f(GSCLK)
Grayscale clock frequency
GSCLK
30
MHz
twh0/twl0
SCLK pulse duration
SCLK = H/L (see Figure 11)
16
ns
twh1/twl1
GSCLK pulse duration
GSCLK = H/L (see Figure 11)
16
ns
twh2
XLAT pulse duration
XLAT = H (see Figure 11)
20
ns
twh3
BLANK pulse duration
BLANK = H (see Figure 11)
20
ns
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC5940


Similar Part No. - TLC5940RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940RHBRG4 TI-TLC5940RHBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5940RHBRG4

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Kingbor Technology Co
KB6282 KINGBOR-KB6282 Datasheet
439Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Linear Technology
LT3595 LINER-LT3595_15 Datasheet
390Kb / 16P
   16 Channel Buck Mode LED Driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com