Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2559QWDRCTQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2559QWDRCTQ1
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559QWDRCTQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2559QWDRCTQ1 Datasheet HTML 2Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 3Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 4Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 5Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 6Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 7Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 8Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 9Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS2559-Q1
SLVSD03 – DECEMBER 2015
www.ti.com
7.6 Timing Requirements
Conditions are –40°C
≤ TJ = ≤ 125°C, 2.5 V ≤ VIN ≤ 6.5 V, V(EN) = VIN, R(ILIM) = 49.9 kΩ. Positive current are into pins. Typical
value is at 25°C. All voltages are with respect to GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
VIN = 6.5 V
2.6
3.44
5.2
tr
OUT voltage rise time
VIN = 2.5 V
1.3
2.01
3.9
CL = 1 µF, RL = 100 Ω, See Figure 13
ms
VIN = 6.5 V
0.7
0.89
1.3
tf
OUT voltage fall time
VIN = 2.5 V
0.42
0.58
1.04
ENABLE INPUT EN
ton
OUT voltage turn-on time
15
CL = 1 µF, RL = 100 Ω, See Figure 14
ms
toff
OUT voltage turn-off time
8
CURRENT LIMIT
tIOS
Short-circuit response time(1)
VIN = 5 V, RSHORT = 50 mΩ, See Figure 15
3.5(1)
µs
FAULT
FAULT assertion or de-assertion due to overcurrent
FAULT deglitch
6
9
13
ms
condition
(1)
This parameter is provided for reference only and does not constitute part of TI's published device specifications for purposes of TI's
product warranty
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS2559-Q1


Similar Part No. - TPS2559QWDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCR TI1-TPS2559DRCR Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCT TI1-TPS2559DRCT Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Similar Description - TPS2559QWDRCTQ1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com