Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72710DSET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72710DSET
Description  Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72710DSET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72710DSET Datasheet HTML 2Page - Texas Instruments TPS72710DSET Datasheet HTML 3Page - Texas Instruments TPS72710DSET Datasheet HTML 4Page - Texas Instruments TPS72710DSET Datasheet HTML 5Page - Texas Instruments TPS72710DSET Datasheet HTML 6Page - Texas Instruments TPS72710DSET Datasheet HTML 7Page - Texas Instruments TPS72710DSET Datasheet HTML 8Page - Texas Instruments TPS72710DSET Datasheet HTML 9Page - Texas Instruments TPS72710DSET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TPS727
SBVS128F – JUNE 2009 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3 V or 2.0 V, whichever is greater;
IOUT = 10 mA, VEN = 0.9 V, and COUT = 1.0 μF (unless otherwise noted). Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VO
Output voltage range
0.9
5.0
V
TJ = +25°C
–2.5
+2.5
mV
VOUT + 0.3 V ≤ VIN ≤ 5.5 V,
–2.0%
±1.0%
+2.0%
VOUT
(1)
DC output accuracy
0 mA
≤ IOUT ≤ 200 mA
VOUT + 0.3 V ≤ VIN ≤ 5.5 V,
±1.0%
0 mA
≤ IOUT ≤ 250 mA
1 mA to 200 mA or
±50.0
200 mA to 1 mA in 1
μs, COUT = 1 μF
ΔVOUT
Load transient
mV
1 mA to 250 mA or
±65
250 mA to 1 mA in 1
μs, COUT = 1 μF
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.5 V,
ΔVO/ΔVIN
Line regulation
8
μV/V
IOUT = 10 mA
ΔVO/ΔIOUT Load regulation
0 mA
≤ IOUT ≤ 250 mA
20
μV/mA
VIN = 0.98 × VOUT(NOM), IOUT = 10 mA
6.5
VIN = 0.98 × VOUT(NOM), IOUT = 50 mA
32.5
VDO
Dropout voltage(2)
VIN = 0.98 × VOUT(NOM), IOUT = 100 mA
65
mV
VIN = 0.98 × VOUT(NOM), IOUT = 200 mA
130
200
VIN = 0.98 × VOUT(NOM), IOUT = 250 mA
162.5
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
300
400
550
mA
IOUT = 0 mA, TJ = –40°C to +125°C
7.9
12
IGND
Ground pin current
IOUT = 200 mA
110
µA
IOUT = 250 mA
130
VEN ≤ 0.4 V, VIN = 2 V, TJ = +25°C
0.12
ISHDN
Shutdown current (IGND)
µA
VEN ≤ 0.4 V, 2.0 V < VIN ≤ 4.5 V,
0.55
2
TJ = –40°C to +85°C
f = 10 Hz
85
f = 100 Hz
75
VIN = 2.3 V,
f = 1 kHz
70
PSRR
Power-supply rejection ratio
VOUT = 1.8 V,
dB
f = 10 kHz
55
IOUT = 10 mA
f = 100 kHz
40
f = 1 MHz
45
BW = 100 Hz to 100 kHz, VIN = 2.1 V,
VN
Output noise voltage
33.5
μVRMS
VOUT = 1.8 V, IOUT = 10 mA
tSTR
Startup time(3)
COUT = 1.0 μF, 0 ≤ IOUT ≤ 250 mA
100
μs
VHI
Enable pin high (enabled)
0.9
VIN
V
VLO
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
EN = 5.5 V
40
500
nA
UVLO
Undervoltage lock-out
VIN rising
1.85
1.90
1.95
V
Shutdown, temperature increasing
+160
TSD
Thermal shutdown temperature
°C
Reset, temperature decreasing
+140
TJ
Operating junction temperature
–40
+125
°C
(1)
The output voltage is programmed at the factory.
(2)
VDO is measured for devices with VOUT(NOM) ≥ 2.35 V so that VIN ≥ 2.3 V.
(3)
Startup time: time from EN assertion to 0.98 × VOUT(NOM).
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated


Similar Part No. - TPS72710DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72710DSET TI1-TPS72710DSET Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72710DSET TI-TPS72710DSET Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72710DSET TI-TPS72710DSET Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72710DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com