Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650860 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS650860
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS650860 Datasheet HTML 3Page - Texas Instruments TPS650860 Datasheet HTML 4Page - Texas Instruments TPS650860 Datasheet HTML 5Page - Texas Instruments TPS650860 Datasheet HTML 6Page - Texas Instruments TPS650860 Datasheet HTML 7Page - Texas Instruments TPS650860 Datasheet HTML 8Page - Texas Instruments TPS650860 Datasheet HTML 9Page - Texas Instruments TPS650860 Datasheet HTML 10Page - Texas Instruments TPS650860 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
TPS650860
www.ti.com
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
Pin Functions (continued)
NO.
NAME
I/O
DESCRIPTION
INTERFACE
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
13
CTL1
I
disabled at deassertion of this pin.
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
disabled at deassertion of this pin. Alternatively, when configured to active-low sleep enable, a
14
CTL6/SLPENB2
I
group of VRs chosen can be entered into (L) or out of (H) sleep state where their output
voltages may be different from those in normal state.
15
IRQB
O
Open-drain output interrupt pin. Refer to Section 5.9.3 for definitions.
General purpose output that can be configured to either open-drain or push-pull arrangement.
Regardless of the configuration, the pin can be programmed either to reflect power good status
16
GPO1
O
of VRs of any choice or to be controlled by an I2C register bit by the user, which then can be
used as an enable signal to an external VR.
General purpose output that can be configured to either open-drain or push-pull arrangement.
Regardless of the configuration, the pin can be programmed either to reflect power good status
26
GPO2
O
of VRs of any choice or to be controlled by an I2C register bit by the user, which then can be
used as an enable signal to an external VR.
General purpose output that can be configured to either open-drain or push-pull arrangement.
Regardless of the configuration, the pin can be programmed either to reflect power good status
27
GPO3
O
of VRs of any choice or to be controlled by an I2C register bit by the user, which then can be
used as an enable signal to an external VR.
Open-drain output that can be configured to reflect power good status of VRs of any choice or
28
GPO4
O
to be controlled by an I2C register bit by the user, which then can be used as an enable signal
to an external VR.
58
CLK
I
I2C clock
59
DATA
I/O
I2C data
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
60
CTL2
I
disabled at deassertion of this pin.
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
disabled at deassertion of this pin. Alternatively, when configured to active-low sleep enable, a
61
CTL3/SLPENB1
I
group of VRs chosen can be entered into (L) or out of (H) sleep state where their output
voltages may be different from those in normal state.
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
62
CTL4
I
disabled at deassertion of this pin.
Active-high VR enable pin. A group of VRs can be assigned to be enabled at assertion or
63
CTL5
I
disabled at deassertion of this pin.
REFERENCE
Band-gap reference output. Stabilize it by connecting a 100-nF (TYP) ceramic capacitor
53
VREF
O
between this pin and quiet ground.
Analog ground. Do not connect to the thermal pad ground on top layer. Connect to ground of
52
AGND
VREF capacitor.
System voltage detection and input to internal LDOs (3.3 V and 5 V). Bypass to ground with a
55
VSYS
I
1-µF (TYP) ceramic capacitor.
THERMAL PAD
Thermal pad
Connect to PCB ground plane using multiple vias for good thermal and electrical performance.
Copyright © 2015, Texas Instruments Incorporated
Pin Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: TPS650860


Similar Part No. - TPS650860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKT TI1-TPS650860A0RSKT Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com