Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS562208DDCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS562208DDCT
Description  Synchronous Step-Down Voltage Regulator in 6-Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562208DDCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS562208DDCT Datasheet HTML 1Page - Texas Instruments TPS562208DDCT Datasheet HTML 2Page - Texas Instruments TPS562208DDCT Datasheet HTML 3Page - Texas Instruments TPS562208DDCT Datasheet HTML 4Page - Texas Instruments TPS562208DDCT Datasheet HTML 5Page - Texas Instruments TPS562208DDCT Datasheet HTML 6Page - Texas Instruments TPS562208DDCT Datasheet HTML 7Page - Texas Instruments TPS562208DDCT Datasheet HTML 8Page - Texas Instruments TPS562208DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SW
VBST
VFB
GND
2
3
1
EN
4
6
5
VIN
TPS562201
TPS562201, TPS562208
www.ti.com
SLVSD91 – DECEMBER 2015
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
Ground pin Source terminal of low-side power NFET as well as the ground terminal for controller circuit.
GND
1
Connect sensitive VFB to this GND at a single point.
SW
2
Switch node connection between high-side NFET and low-side NFET.
VIN
3
Input voltage supply pin. The drain terminal of high-side power NFET.
VFB
4
Converter feedback input. Connect to output voltage with feedback resistor divider.
EN
5
Enable input control. Active high and must be pulled up to enable the device.
VBST
6
Supply input for the high-side NFET gate drive circuit. Connect 0.1-µF capacitor between VBST and SW pins.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS562201 TPS562208


Similar Part No. - TPS562208DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS562200DDCR TI1-TPS562200DDCR Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200DDCT TI1-TPS562200DDCT Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Similar Description - TPS562208DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com