Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS657120YFFT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS657120YFFT
Description  PMU for Baseband and RF-PA Power
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657120YFFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS657120YFFT Datasheet HTML 1Page - Texas Instruments TPS657120YFFT Datasheet HTML 2Page - Texas Instruments TPS657120YFFT Datasheet HTML 3Page - Texas Instruments TPS657120YFFT Datasheet HTML 4Page - Texas Instruments TPS657120YFFT Datasheet HTML 5Page - Texas Instruments TPS657120YFFT Datasheet HTML 6Page - Texas Instruments TPS657120YFFT Datasheet HTML 7Page - Texas Instruments TPS657120YFFT Datasheet HTML 8Page - Texas Instruments TPS657120YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS657120
SLVSBO3A – DECEMBER 2013 – REVISED DECEMBER 2015
TPS657120 PMU for Baseband and RF-PA Power
1
Device Overview
1.1
Features
1
– Pre-Regulation Support by Separate Power
• 3 Step-Down Converters:
Inputs
– VIN Range From 2.8 V to 5.5 V
– ECO mode
– Power Save Mode at Light Load Current
– VIN Range of LDOs:
– Output Voltage Accuracy in PWM Mode ±2%
LDO1: 2.0 V to 5.5 V
– Typical 16-
μA Quiescent Current per DCDC1
LDO2: 2.8 V to 5.5 V
and DCDC2 Converter
• 2 GPIOs
– Typical 26-
μA Quiescent Current for DCDC3
Converter
• Thermal Shutdown
– Dynamic Voltage Scaling
• Bypass Switch
– 100% Duty Cycle for Lowest Dropout
– Used with DCDC3 Powering an RF-PA
• 2 LDOs:
• Interface
– 2 × 10-mA Output Current
– 26 MHz-MIPI RFFE Interface
– Low Noise RF-LDOs
• Undervoltage Lockout
– Output Voltage Range 1.2 V to 3.4 V
• Flexible Power-Up and Power-Down Sequencing
– 32-
μA Quiescent Current
• 2.5-mm × 2.3-mm DSBGA Package with 0.4-mm
Pitch
1.2
Applications
Data Cards
Smartphones
1.3
Description
The TPS657120 provides three configurable step-down converters with up to 2-A output current.This
device also has 2 LDO regulators. LDO1 can be supplied from either the input voltage directly or from a
pre-regulated supply such as DCDC1 or DCDC2. The input voltage to LDO2 is used as an analog supply
input and therefore must be tied to the input voltage at the same voltage level with VINDCDC1/2 and
VINDCDC3. The internal power-up and power-down controller is configurable and can support any power-
up/power-down sequences (OTP based). All LDOs and DCDC converters are controllable by a MIPI RFFE
compatible interface, by pins PWRON, CLK_REQ1 and CLK_REQ2, or both. In addition, there is a
nRESET as well as a RFFE address select (ADR_SELECT) input which can alternatively be used as
general purpose I/Os with a 1-mA sink capability. The TPS657120 comes in a 6-ball × 5-ball DSBGA
package (2.5 mm × 2.3 mm) with a 0.4-mm pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS657120
DSBGA (30)
2.31 mm × 2.51 mm
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS657120YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI-TPS657051 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHR TI-TPS657051YZHR Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHR TI-TPS657051YZHR Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHT TI-TPS657051YZHT Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Similar Description - TPS657120YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com