Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72718DSER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72718DSER
Description  Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72718DSER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72718DSER Datasheet HTML 7Page - Texas Instruments TPS72718DSER Datasheet HTML 8Page - Texas Instruments TPS72718DSER Datasheet HTML 9Page - Texas Instruments TPS72718DSER Datasheet HTML 10Page - Texas Instruments TPS72718DSER Datasheet HTML 11Page - Texas Instruments TPS72718DSER Datasheet HTML 12Page - Texas Instruments TPS72718DSER Datasheet HTML 13Page - Texas Instruments TPS72718DSER Datasheet HTML 14Page - Texas Instruments TPS72718DSER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
I
(mA)=C
( F)
0.07(V/ s)+I
(mA)
m
m
LOAD
SOFTSTART
OUT
´
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
EEPROM
LOGIC
TPS727
www.ti.com
SBVS128F – JUNE 2009 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TPS727 devices belong to a family of LDO regulators that consume extremely low quiescent current while
simultaneously delivering excellent PSRR with very little headroom (VIN – VOUT differential voltage), and very
good transient response. These features, combined with low noise without a noise reduction pin in an ultrasmall
package, make these devices ideal for portable applications. This family of regulators offers sub-band-gap output
voltages, current limit and thermal protection, and is fully specified from –40°C to +125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS727 internal current limit helps protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. In such a case, the output
voltage is not regulated and is VOUT = ILIMIT × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) × ILIMIT
until thermal shutdown is triggered and the device is turned off. As the device cools down, it is turned on by the
internal thermal shutdown circuit. If the fault condition continues, the device cycles between current limit and
thermal shutdown. See the Thermal Protection section for more details.
The PMOS pass element in the TPS727 has a built-in body diode that conducts current when the voltage at the
OUT pin exceeds the voltage at the IN pin. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting to 5% of rated output current is recommended.
7.3.2 Soft Start
The startup current is given by Equation 1:
(1)
Equation 1 shows that soft-start current is directly proportional to COUT.
The output voltage ramp rate is independent of COUT and load current, and has a typical value of 0.07 V/μs.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS72718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72718DSER TI-TPS72718DSER Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI-TPS72718DSER Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI1-TPS72718DSER Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72718DSER TI1-TPS72718DSER Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI-TPS72718DSER Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS72718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com