Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2160 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP2160
Description  Inverter logic type (Totem pole output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2160 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP2160 Datasheet HTML 4Page - Toshiba Semiconductor TLP2160 Datasheet HTML 5Page - Toshiba Semiconductor TLP2160 Datasheet HTML 6Page - Toshiba Semiconductor TLP2160 Datasheet HTML 7Page - Toshiba Semiconductor TLP2160 Datasheet HTML 8Page - Toshiba Semiconductor TLP2160 Datasheet HTML 9Page - Toshiba Semiconductor TLP2160 Datasheet HTML 10Page - Toshiba Semiconductor TLP2160 Datasheet HTML 11Page - Toshiba Semiconductor TLP2160 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLP2160
8
12.2.
12.2.
12.2.
12.2. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 12.2.1
12.2.1
12.2.1
12.2.1 IIIIFFFF - V
- V
- V
- VFFFF
Fig.
Fig.
Fig.
Fig. 12.2.2
12.2.2
12.2.2
12.2.2 IIIIFFFF - T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 12.2.3
12.2.3
12.2.3
12.2.3 V
V
V
VOL
OL
OL
OL
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 12.2.4
12.2.4
12.2.4
12.2.4 V
V
V
VOH
OH
OH
OH
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 12.2.5
12.2.5
12.2.5
12.2.5 IIIICCH
CCH
CCH
CCH
/ I
/ I
/ I
/ ICCL
CCL
CCL
CCL
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 12.2.6
12.2.6
12.2.6
12.2.6 IIIICCH
CCH
CCH
CCH
/ I
/ I
/ I
/ ICCL
CCL
CCL
CCL
- T
- T
- T
- Taaaa
2014-07-24
Rev.3.0


Similar Part No. - TLP2160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
   DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
More results

Similar Description - TLP2160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com