Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2309 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2309
Description  Photocouplers GaA-As Infrared LED - Photo IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2309 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2309 Datasheet HTML 1Page - Toshiba Semiconductor TLP2309 Datasheet HTML 2Page - Toshiba Semiconductor TLP2309 Datasheet HTML 3Page - Toshiba Semiconductor TLP2309 Datasheet HTML 4Page - Toshiba Semiconductor TLP2309 Datasheet HTML 5Page - Toshiba Semiconductor TLP2309 Datasheet HTML 6Page - Toshiba Semiconductor TLP2309 Datasheet HTML 7Page - Toshiba Semiconductor TLP2309 Datasheet HTML 8Page - Toshiba Semiconductor TLP2309 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLP2309
3
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input forward current derating
(pulsed)
Peak transient input forward
current
Peak transient input forward
current derating
Input power dissipation
Input power dissipation
derating
Input reverse voltage
Output current
Peak output current
Supply voltage
Output voltage
Output power dissipation
Output power dissipation
derating
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 100 )
(Ta ≥ 100 )
(Ta ≥ 85 )
(Ta ≥ 100 )
(Ta ≥ 100 )
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFP
∆IFP/∆Ta
IFPT
∆IFPT/∆Ta
PD
∆PD/∆Ta
VR
IO
IOP
VCC
VO
PO
∆PO/∆Ta
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
(Note 3)
Rating
25
-1.0
50
-2.0
1
-25
40
-1.6
5
8
16
-0.5 to 30
-0.5 to 20
100
-4.0
-40 to 110
-55 to 125
260
3750
Unit
mA
mA/
mA
mA/
A
mA/
mW
mW/
V
mA
V
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 ms, duty = 50 %
Note 2: Pulse width (PW) ≤ 1 µs, 300 pps
Note 3: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4, 5 and 6 are
shorted together.
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input on-state current
Input off-state voltage
Supply voltage
Operating temperature
Symbol
IF(ON)
VF(OFF)
VCC
Topr
Note
(Note 1)
Min
10
0
2.7
-40
Typ.
3.3 / 5
Max
20
0.8
20
110
Unit
mA
V
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 6 and pin 4 to stabilize the operation. Otherwise,
this photocoupler may not switch properly. The bypass capacitor should be placed within 1 cm of each pin.
Note 1: Denotes the operating range, not the recommended operating condition.
2015-11-27
Rev.7.0
©2015 Toshiba Corporation


Similar Part No. - TLP2309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2301 TOSHIBA-TLP2301 Datasheet
307Kb / 11P
   Collector-emitter voltage - 40 V (min)
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
More results

Similar Description - TLP2309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com