Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBZ0130R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBZ0130R-HF
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ0130R-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBZ0130R-HF Datasheet HTML 1Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 2Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 3Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IO = 100 mA
VR = 30 Volts
CDBZ0130R-HF
Small Signal Schottky Diodes
Page 1
REV:D
Comchip Technology CO., LTD.
Maximum Rating (at TA=25 ºC unless otherwise noted)
mA
mA
V
500
100
30
IO
VR
IFSM
°C
°C
+150
+150
-40
TSTG
TJ
Storage temperature range
Operating temperature range
Average rectified forward current
Reverse voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
QW-JA005
µA
V
0.30
0.46
IR
VF
Reverse current
Forward voltage
Parameter
Conditions
Symbol
Min
Typ Max
Unit
VR = 10 V
IF = 10 mA
Electrical Characteristics (at TA=25 ºC unless otherwise noted)
RoHS Device
Halogen Free
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
Forward current,surge peak
(60Hz*1cycle)
Circuit diagram
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Low forward voltage.
- Ultra small mold type.
- Low reverse current.
-40
Mechanical data
- Case: 0201/DFN0603 package,
molded plastic.
- Terminals: Gold plated, solderable per
method 2026.
MIL-STD-750,
- Polarity: Color band denotes cathode end.
- Mounting position: Any
- Weight: 0.0004 grams(approx.).
0201/DFN0603
0.008(0.195)
0.013(0.340)
0.011(0.275)
0.005(0.125)
0.026(0.67)
0.022(0.57)
0.015(0.37)
0.011(0.27)
0.002(0.05)
REF.
0.017(0.435)
0.014(0.365)
0.001(0.03)
REF.
0.008(0.195)
0.005(0.125)
0.012(0.295)
0.009(0.225)
Dimensions in inches and (millimeter)


Similar Part No. - CDBZ0130R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ0130R-A1HF COMCHIP-CDBZ0130R-A1HF Datasheet
112Kb / 4P
   Small Signal Schottky Diodes
More results

Similar Description - CDBZ0130R-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com