Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP7920F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP7920F
Description  Photocouplers Optically Isolation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7920F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP7920F Datasheet HTML 1Page - Toshiba Semiconductor TLP7920F Datasheet HTML 2Page - Toshiba Semiconductor TLP7920F Datasheet HTML 3Page - Toshiba Semiconductor TLP7920F Datasheet HTML 4Page - Toshiba Semiconductor TLP7920F Datasheet HTML 5Page - Toshiba Semiconductor TLP7920F Datasheet HTML 6Page - Toshiba Semiconductor TLP7920F Datasheet HTML 7Page - Toshiba Semiconductor TLP7920F Datasheet HTML 8Page - Toshiba Semiconductor TLP7920F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLP7920,TLP7920F
3
8.
8.
8.
8. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Supply Voltages
Steady-state input voltages
Two-second transient input voltages
Output voltages
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
VDD1, VDD2
VIN+, VIN-
VIN+, VIN-
VOUT+, VOUT-
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
Rating
-0.5 to 6
-0.5 to 6
-6 to 6
-0.5 to 6
-40 to 105
-55 to 125
260
5000
Unit
V
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note:
Ceramic capacitors (0.1 µF) should be connected between 1 and 4 pins and between 5 and 8 pins to stabilize
the operation. Otherwise, this photocoupler may not switch properly. The bypass capacitors should be placed
as close as possible to each pin.
Note 1: ≥ 2 mm below seating plane.
Note 2: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
9.
9.
9.
9. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input side supply voltage
Output side supply voltage
Analog input voltage
Ambient temperature
Symbol
VDD1
VDD2
VIN+, VIN-
Ta
Note
(Note 1),
(Note 2)
Min
4.5
3.0
-200
-40
Typ.
5
Max
5.5
5.5
200
105
Unit
V
mV
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note 1: FSR = ±300 mV
Note 2: When either VIN+ or VIN- or both are equal to or greater than VDD1 - 2 V (e.g., if VDD1 = 5 V, when VIN+ and/or
VIN- are equal to or greater than 5 V - 2 V = 3 V), isolation amplifiers go into one of the test modes. Do not
raise either VIN+ or VIN- above this voltage to keep the device in functional mode.
2015-09-10
Rev.1.0
©2015 Toshiba Corporation


Similar Part No. - TLP7920F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930F TOSHIBA-TLP7930F Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Similar Description - TLP7920F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com