Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP240A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP240A
Description  Photocouplers Photorelay
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240A Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP240A Datasheet HTML 3Page - Toshiba Semiconductor TLP240A Datasheet HTML 4Page - Toshiba Semiconductor TLP240A Datasheet HTML 5Page - Toshiba Semiconductor TLP240A Datasheet HTML 6Page - Toshiba Semiconductor TLP240A Datasheet HTML 7Page - Toshiba Semiconductor TLP240A Datasheet HTML 8Page - Toshiba Semiconductor TLP240A Datasheet HTML 9Page - Toshiba Semiconductor TLP240A Datasheet HTML 10Page - Toshiba Semiconductor TLP240A Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLP240A,TLP240AF
7
15.
15.
15.
15. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
15.1.
15.1.
15.1.
15.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 15.1.1
15.1.1
15.1.1
15.1.1 An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
When using soldering flow
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
15.2.
15.2.
15.2.
15.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2015-09-11
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TLP240A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
   Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3475SRHA4 TOSHIBA-TLP3475SRHA4 Datasheet
544Kb / 12P
   Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
   Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
   Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
   Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
   Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
   Photocouplers Photorelay
2019-10-11 Rev.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com