Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445MMX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3445MMX
Description  TRIAC Dimmable Offline LED Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445MMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3445MMX Datasheet HTML 5Page - Texas Instruments LM3445MMX Datasheet HTML 6Page - Texas Instruments LM3445MMX Datasheet HTML 7Page - Texas Instruments LM3445MMX Datasheet HTML 8Page - Texas Instruments LM3445MMX Datasheet HTML 9Page - Texas Instruments LM3445MMX Datasheet HTML 10Page - Texas Instruments LM3445MMX Datasheet HTML 11Page - Texas Instruments LM3445MMX Datasheet HTML 12Page - Texas Instruments LM3445MMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DELAY
DELAY
(a)
(b)
(c)
?
?
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
Feature Description (continued)
An RC network consisting of R1, R2, and C1 delay the turn on of the TRIAC until the voltage on C1 reaches the
trigger voltage of the diac. Increasing the resistance of the potentiometer (wiper moving downward) increases the
turn-on delay which decreases the on-time or conduction angle of the TRIAC (
θ). This reduces the average
power delivered to the load. Voltage waveforms for a simple TRIAC dimmer are shown in Figure 10. Figure 10a
shows the full sinusoid of the input voltage. Even when set to full brightness, few dimmers will provide 100% on-
time, i.e., the full sinusoid.
Figure 10. Line Voltage and Dimming Waveforms
Figure 10b shows a theoretical waveform from a dimmer. The on-time is often referred to as the conduction
angle and may be stated in degrees or radians. The off-time represents the delay caused by the RC circuit
feeding the TRIAC. The off-time be referred to as the firing angle and is simply 180° -
θ.
Figure 10c shows a waveform from a so-called reverse phase dimmer, sometimes referred to as an electronic
dimmer. These typically are more expensive, microcontroller based dimmers that use switching elements other
than TRIACs. Note that the conduction starts from the zero-crossing, and terminates some time later. This
method of control reduces the noise spike at the transition.
Since the LM3445 has been designed to assess the relative on-time and control the LED current accordingly,
most phase-control dimmers, both forward and reverse phase, may be used with success.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3445


Similar Part No. - LM3445MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445MMX NSC-LM3445MMX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MMX TI-LM3445MMX Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results

Similar Description - LM3445MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com