Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510DRZR-G3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27510DRZR-G3
Description  System-Side Impedance Track Fuel Gauge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27510DRZR-G3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27510DRZR-G3 Datasheet HTML 2Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 3Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 4Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 5Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 6Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 7Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 8Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 9Page - Texas Instruments BQ27510DRZR-G3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
bq27510-G3
SLUSAT1A – MARCH 2013 – REVISED NOVEMBER 2015
www.ti.com
6.6 Data Flash Memory Characteristics
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention(1)
10
Years
Flash programming write-cycles (1)
20,000
Cycles
tWORDPROG)
Word programming time(1)
2
ms
ICCPROG)
Flash-write supply current(1)
5
10
mA
(1)
Assured by design. Not production tested.
6.7 400-kHz I
2C-Compatible Interface Communication Timing Requirements
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
600
ns
tw(L)
SCL pulse width (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
tBUF
Bus free time between stop and start
66
μs
fSCL
Clock frequency
400
kHz
6.8 100-kHz I
2C-Compatible Interface Communication Timing Requirements
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
1
µs
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
4
µs
tw(L)
SCL pulse width (low)
4.7
μs
tsu(STA)
Setup for repeated start
4.7
µs
td(STA)
Start to first falling edge of SCL
4
µs
tsu(DAT)
Data setup time
250
ns
Receive mode
0
th(DAT)
Data hold time
ns
Transmit mode
300
tsu(STOP)
Setup time for stop
4
µs
tBUF
Bus free time between stop and start
4.7
μs
fSCL
Clock frequency
10
100
kHz
tBUSERR
Bus error timeout
17.3
21.2
s
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: bq27510-G3


Similar Part No. - BQ27510DRZR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510DRZR-G3 TI-BQ27510DRZR-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510DRZR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com