Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24108RHLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24108RHLR
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24108RHLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24108RHLR Datasheet HTML 2Page - Texas Instruments BQ24108RHLR Datasheet HTML 3Page - Texas Instruments BQ24108RHLR Datasheet HTML 4Page - Texas Instruments BQ24108RHLR Datasheet HTML 5Page - Texas Instruments BQ24108RHLR Datasheet HTML 6Page - Texas Instruments BQ24108RHLR Datasheet HTML 7Page - Texas Instruments BQ24108RHLR Datasheet HTML 8Page - Texas Instruments BQ24108RHLR Datasheet HTML 9Page - Texas Instruments BQ24108RHLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
bq24100,
bq24103,
I/O
DESCRIPTION
bq24113,
NAME
bq24108,
bq24103A
bq24105
bq24115
bq24113A
bq24109
bq24104
Charge status 2 (open-drain output). When the transistor turns on
STAT2
19
19
19
O
indicates charge is done. When it is off and with the condition of STAT1
indicates various charger conditions (See Table 1)
Temperature sense input. This input monitors its voltage against an
internal threshold to determine if charging is allowed. Use an NTC
TS
12
12
12
12
12
I
thermistor and a voltage divider powered from VTSB to develop this
voltage. (See Figure 4)
Timer and termination control. Connect a capacitor from this node to GND
TTC
7
7
7
I
to set the bqSWITCHER™ timer. When this input is low, the timer and
termination detection are disabled.
VCC
6
6
6
6
6
I
Analog device input. A 0.1
μF capacitor to VSS is required.
VSS
10
10
10
10
10
Analog ground input
TS internal bias regulator voltage. Connect capacitor (with a value
VTSB
11
11
11
11
11
O
between a 0.1-
μF and 1-μF) between this output and VSS.
There is an internal electrical connection between the exposed thermal
pad and VSS. The exposed thermal pad must be connected to the same
Exposed
potential as the VSS pin on the printed circuit board. The power pad can
Thermal
Pad
Pad
Pad
Pad
Pad
be used as a star ground connection between VSS and PGND. A common
Pad
ground plane may be used. VSS pin must be connected to ground at all
times.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage (with respect to
IN, VCC
20
V
VSS)
STAT1, STAT2, PG, CE, CELLS, SNS, BAT
–0.3
20
V
OUT
–0.7
20
V
Input voltage (with respect to
CMODE, TS, TTC
7
V
VSS and PGND)
VTSB
3.6
V
ISET1, ISET2
3.3
V
Voltage difference between SNS and BAT inputs (VSNS – VBAT)
±1
V
Output sink
STAT1, STAT2, PG
10
mA
Output current (average)
OUT
2.2
A
Operating free-air temperature, TA
–40
85
°C
Junction temperature, TJ
–40
125
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±500
(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - BQ24108RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24108RHLR TI-BQ24108RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24108RHLR TI-BQ24108RHLR Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24108RHLR TI-BQ24108RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24108RHLR TI1-BQ24108RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24108RHLRG4 TI-BQ24108RHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - BQ24108RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com