Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM4414VB6M24D0C00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PFM4414VB6M24D0C00
Description  Chassis mount or board mount packaging options
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414VB6M24D0C00 Datasheet(HTML) 5 Page - Vicor Corporation

  PFM4414VB6M24D0C00 Datasheet HTML 1Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 2Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 3Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 4Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 5Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 6Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 7Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 8Page - Vicor Corporation PFM4414VB6M24D0C00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 5 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input voltage +IN to –IN
1 ms max
0
600
Vpk
Input voltage (+IN to -IN)
Continuous, Rectified
0
275
VRMS
Output voltage (+Out to -Out)
-0.5
29
VDC
Output current
0.0
24.7
A
Screw Torque
4 mounting, 2 input, 2 output
4 (0.45)
in/lbs (N-m)
Operating junction temperature
T-Grade
-40
125
°C
Storage temperature
T-Grade
-55
125
°C
Dielectric Withstand*
See note below
Input-Case
Basic Insulation
2121
Vdc
Input-Output
Reinforced Insulation
4242
Vdc
Output-Case
Functional Insulation
707
Vdc
Case Temperature (°C)
Current
Power
0
100
200
300
400
500
0.00
4.00
8.00
12.00
16.00
20.00
-60
-40
-20
0
20
40
60
80
100
* Please see Dielectric Withstand section. See page 18.
Safe Operating Area


Similar Part No. - PFM4414VB6M24D0C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414VB6M24D0CA0 VICOR-PFM4414VB6M24D0CA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M24D0CA4 VICOR-PFM4414VB6M24D0CA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M24D0CA8 VICOR-PFM4414VB6M24D0CA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414VB6M24D0C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
   Chassis or panel mount
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Delta Electronics, Inc.
DNS10SMD06 DELTA-DNS10SMD06 Datasheet
794Kb / 15P
   Surface mount packaging
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com